HLMP-EG26-R2000
AI

## Technical Overview: HLMP-EG26-R2000
The **HLMP-EG26-R2000** is a high-brightness, precision optical performance **Red LED** manufactured by Broadcom (formerly Avago Technologies). It is part of the T-1¾ (5mm) AllnGaP (Aluminum Indium Gallium Phosphide) family, specifically designed for outdoor applications requiring high intensity and sunlight viewability.
---
### 1. Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Color** | Red (626 nm typical) |
| **Luminous Intensity** | 1500 mcd to 3500 mcd |
| **Viewing Angle** | 23° |
| **Lens Shape** | T-1¾ (5mm) Round |
| **Lens Appearance** | Untinted, Non-diffused (Clear) |
| **Forward Current ($I_F$)** | 20 mA (Standard Operating) |
| **Forward Voltage ($V_F$)** | 1.8V to 2.4V |
| **Mounting Type** | Through Hole |
---
### 2. Core Technologies
* **AllnGaP Technology:** The LED uses Aluminum Indium Gallium Phosphide material. This technology offers superior light output efficiency and reliability over a wide range of temperatures.
* **Precision Optical Design:** The 23-degree viewing angle is achieved through a precisely molded lens, ensuring that the light is focused into a tight cone, which increases "on-axis" brightness.
* **Standoffs:** The part typically includes "standoffs" on the leads to ensure consistent height and airflow when mounted on a PCB.
---
### 3. Electrical Characteristics & Considerations
#### Power Consumption
With a typical forward voltage of **2.1V** at **20mA**, the power dissipation per LED is approximately **42mW**. This makes it highly efficient for battery-powered signage.
#### Circuit Integration
To drive this LED safely from a DC source, a current-limiting resistor is required. Use the following formula:
`R = (V_source - V_forward) / I_forward`
**Example:** Using a 5V supply:
`R = (5V - 2.1V) / 0.02A = 145 Ohms` (Standard 150Ω resistor recommended).
---
### 4. Common Applications
Due to its high intensity and moisture resistance, this part is commonly found in:
1. **Traffic Signals:** Red stop lights and pedestrian crossings.
2. **Variable Message Signs (VMS):** Highway information boards.
3. **Commercial Outdoor Advertising:** Neon-replacement LED signs.
4. **Industrial Status Indicators:** Sunlight-readable machine status lights.
---
- ⤷
What are the storage and soldering temperature requirements for the HLMP-EG26-R2000?
- ⤷ Is there a green or blue equivalent in the same 23-degree T-1¾ series?
- ⤷ How does the AllnGaP technology compare to InGaN for outdoor use?