Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • HKP

  • AI
    In the context of electronics and electrical engineering, **HKP** typically refers to **Heater-Kathode-Potential** (Heater-to-Cathode Potential), or more broadly, it relates to specific components like fuse holders or heavy-duty connectors depending on the industry context. Below is an explanation of the most common applications of HKP in electronic parts. --- ### 1. Heater-to-Cathode Potential (HKP) In vacuum tube technology (valves), HKP represents the voltage difference between the filament (heater) and the cathode. | Parameter | Description | | :--- | :--- | | **Function** | Maintains the isolation between the heating element and the electron-emitting cathode. | | **Critical Limit** | Manufacturers specify a maximum $V_{hk}$ to prevent insulation breakdown. | | **Failure Mode** | If exceeded, it can cause hum (AC interference) or short circuits, destroying the tube. | ### 2. HKP Series Fuse Holders In modern circuit protection, **HKP** is a widely recognized series of panel-mounted fuse holders (originally popularized by brands like Bussmann). * **Form Factor:** 1/4" x 1-1/4" (6.3mm x 32mm) fuses. * **Ratings:** Often rated up to 30 Amperes and 250 Volts. * **Mounting:** Designed for panel nut-mounting with quick-connect or solder terminals. * **Variants:** * **HKP-HH:** Hex nut version. * **HKP-OO:** Snap-lock version. ### 3. HKP as a Connector Standard In industrial electronics, HKP may refer to **Heavy-Duty Connectors** used in harsh environments. | Feature | Specification | | :--- | :--- | | **Material** | Usually glass-filled thermoplastic or aluminum housings. | | **Contacts** | Silver or Gold plated copper alloy. | | **Application** | Power supplies, industrial machinery, and control panels. | --- ### Comparison of HKP Electronic Components | Component Type | Primary Industry | Main Usage | | :--- | :--- | :--- | | **Vacuum Tube Parameter** | Audio / Radio | Signal amplification safety | | **Fuse Holder** | Power Electronics | Overcurrent protection | | **Connector** | Industrial Automation | Modular wiring and power distribution |
    ✨ Follow-up Questions
    • ⤷What are the safety risks of exceeding the maximum Heater-Cathode voltage?
    • ⤷ How do I choose the correct HKP fuse holder for a high-vibration environment?
    • ⤷ Are there specific HKP connectors used in automotive electronics?