Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • HDP220P-R01JB

  • AI
    The **HDP220P-R01JB** is a specific model of a **High-Density Power Supply** unit, typically manufactured by **Delta Electronics**. These units are common in telecommunications, server infrastructure, and industrial networking equipment. Below is a breakdown of its technical specifications and internal electronic components. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Type** | AC-DC Power Supply Unit (PSU) | | **Form Factor** | Rectifier / Shelf-mounted Module | | **Output Voltage** | Typically 12V or 54V (Application dependent) | | **Power Rating** | 2200W (High-density efficiency) | | **Cooling** | Forced air (Internal high-RPM fans) | --- ### 2. Key Internal Electronic Components The device utilizes advanced power electronics to maintain high efficiency (80 Plus Gold or Platinum standards). #### A. Input Stage (EMI & Rectification) * **EMI Filter:** A network of X/Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the AC grid. * **Bridge Rectifiers:** High-current diodes that convert AC input to pulsating DC. * **PFC (Power Factor Correction):** Controlled by high-speed MOSFETs and large inductors to ensure the power factor stays close to 1.0. #### B. Switching & Transformation * **Main Transformers:** High-frequency ferrite core transformers that provide galvanic isolation and step down the voltage. * **Primary Switching MOSFETs:** Generally Gallium Nitride (GaN) or Silicon Carbide (SiC) in modern high-density units to minimize heat loss and maximize switching speed. #### C. Secondary Stage (Output) * **Synchronous Rectification:** Uses MOSFETs instead of diodes on the output side to reduce forward voltage drop and improve efficiency. * **Filtering Capacitors:** High-grade aluminum electrolytic or solid polymer capacitors are used to smooth the DC output and reduce ripple voltage. --- ### 3. Monitoring and Logic The "R01JB" variant includes a sophisticated digital control layer: * **Microcontroller (MCU):** Manages the PWM (Pulse Width Modulation) signals for the transistors. * **Communication Bus:** Supports **PMBus** or **I2C** protocols, allowing the host system to monitor: * Input/Output Voltage and Current. * Internal temperature. * Fan speed and health status. * **Protection Circuits:** Integrated OVP (Over Voltage Protection), OCP (Over Current Protection), and OTP (Over Temperature Protection). --- ### 4. Typical Application Example ```python # Conceptual monitoring logic for HDP220P via I2C/PMBus def check_psu_status(i2c_address): voltage = read_pmbus(i2c_address, "READ_VOUT") current = read_pmbus(i2c_address, "READ_IOUT") temp = read_pmbus(i2c_address, "READ_TEMPERATURE") if temp > 85: return "CRITICAL: Overheating" return f"Status: {voltage}V / {current}A" ```
    ✨ Follow-up Questions
    • ⤷ What are the exact input voltage ranges for the HDP220P series?
    • ⤷ Does this model support N+1 redundancy in server racks?
    • ⤷ Where can I find the pinout diagram for the R01JB connector?