Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • HCM1707-2R2-R

  • AI
    ## HCM1707-2R2-R Electronic Component Overview The **HCM1707-2R2-R** is a high-current, automotive-grade power inductor manufactured by **Eaton (Bussmann Division)**. It is designed for applications requiring high power density, efficiency, and thermal stability. ### Technical Specifications | Parameter | Value | | :--- | :--- | | **Inductance** | 2.2 µH | | **Tolerance** | ±20% | | **Inductance Code** | 2R2 | | **Rated Current (Irms)** | 22.0 Amperes | | **Saturation Current (Isat)** | 28.0 Amperes | | **DC Resistance (DCR) Max** | 4.4 mΩ | | **Operating Temperature** | -55°C to +125°C | | **Package / Case** | 1707 (approx. 17.5mm x 17.2mm) | --- ### Key Features 1. **High Current Handling:** Designed to manage high saturation currents without a sharp drop in inductance, making it ideal for stable power delivery. 2. **Low DCR:** The low DC resistance minimizes power loss and heat generation, increasing the overall efficiency of the power circuit. 3. **Magnetically Shielded:** The molded construction provides EMI (Electromagnetic Interference) shielding, which is critical in noise-sensitive environments like automotive electronics. 4. **AEC-Q200 Qualified:** This part meets the rigorous stress-test qualifications for automotive use, ensuring reliability under high vibration and temperature cycles. --- ### Common Applications * **Voltage Regulator Modules (VRM):** Used in CPU/GPU power supplies for computers and servers. * **Automotive Electronics:** Powering Advanced Driver Assistance Systems (ADAS), infotainment, and LED lighting. * **DC-DC Converters:** Serving as the energy storage element in buck, boost, or buck-boost converters. * **Industrial Power Supplies:** High-density power modules where space and thermal management are concerns. --- ### Internal Structure (Typical Molded Inductor) ```cpp // Visualizing the physical build [ Terminals ] <--- Flat wire or round copper coil | [ Core Material ] <--- Iron powder / Alloy powder (Molded) | [ Shielding ] <--- Integral part of the molded body ```
    ✨ Follow-up Questions
    • ⤷What is the difference between Irms and Isat for this inductor?
    • ⤷ Are there equivalent parts from other manufacturers like Coilcraft or Vishay?
    • ⤷ How does temperature affect the inductance of the HCM1707 series?