Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • HAH83-R47

  • AI
    ## Technical Overview of the HAH83-R47 Inductor The **HAH83-R47** is a high-current, surface-mount (SMD) power inductor, typically used in automotive and industrial electronic applications. It is part of the HAH83 series, known for its flat-wire construction and high efficiency. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.47 µH | | **Tolerance** | ±20% | | **DCR (DC Resistance)** | ~0.70 mΩ (Typical) | | **Isat (Saturation Current)** | ~60A - 70A | | **Irms (Rated Current)** | ~40A - 50A | | **Operating Temperature** | -55°C to +155°C | | **Dimensions** | ~23.5 x 22.0 x 12.6 mm | --- ### 2. Component Composition and Design The HAH83-R47 is engineered for high-performance power conversion. Its internal structure consists of the following: * **Core Material:** Composite Manganese-Zinc (MnZn) or specialized Alloy Powder. This material allows for high saturation flux density and low core losses at high frequencies. * **Winding:** **Flat Wire (Rectangular) Coil**. Unlike standard round wire, flat wire maximizes the "fill factor," reducing the DC resistance (DCR) and minimizing the "skin effect" during high-frequency operation. * **Shielding:** The component is magnetically shielded, which reduces Electromagnetic Interference (EMI) and prevents the magnetic field from affecting neighboring components on the PCB. --- ### 3. Application Areas Due to its high current handling and thermal stability, this inductor is commonly found in: 1. **Automotive Electronics:** Power steering systems, LED lighting drivers, and engine control units (ECUs). 2. **DC/DC Converters:** High-phase-count Voltage Regulator Modules (VRMs) for servers and industrial computers. 3. **Solar Inverters:** Used in the power stage for energy filtering and storage. 4. **Battery Management Systems (BMS):** Managing high-current charging and discharging cycles. --- ### 4. Advantages of the R47 Value The **0.47 µH (R47)** inductance value is relatively low, which provides specific benefits in circuit design: * **Fast Transient Response:** Ideal for high-speed switching power supplies where the load changes rapidly. * **High Frequency:** Suitable for switching frequencies ranging from 100 kHz to over 1 MHz. * **Compact Power Density:** Allows for very high current throughput in a relatively small physical footprint.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the HAH83-R47?
    • ⤷ How does the flat-wire design compare to round-wire inductors in terms of thermal performance?
    • ⤷ What is the impact of the saturation current (Isat) on the stability of a DC/DC converter?