GWJCLPS2.EM
AI

## Overview of the DURIS® E 2835 (GW JCLPS2.EM)
The **GW JCLPS2.EM** is a high-performance LED part of the **DURIS® E 2835** series manufactured by OSRAM Opto Semiconductors (ams OSRAM). It is a mid-power LED designed specifically for high-efficacy lighting applications where a compact form factor and uniform light distribution are required.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical and optical characteristics of the GW JCLPS2.EM:
| Parameter | Specification |
| :--- | :--- |
| **Package Size** | 2.8 mm x 3.5 mm (Industry Standard 2835) |
| **Forward Voltage ($V_f$)** | 2.8V to 3.4V (Typical: 3.05V) |
| **Forward Current ($I_f$)** | Nominal: 65mA; Maximum: 150mA |
| **Luminous Flux** | Typical 27 lm - 35 lm (depending on CCT/CRI) |
| **CRI (Color Rendering Index)** | Minimum 80 (standard for EM series) |
| **Viewing Angle** | 120° (Lambertian emitter) |
| **Operating Temperature** | -40 °C to 100 °C |
---
### 2. Internal Electronic Components
The component is more than just a diode; it consists of several integrated materials and structures:
* **LED Chip:** Based on **InGaN on Sapphire** (Indium Gallium Nitride) technology, which allows for high efficiency in the blue spectrum.
* **Phosphor Conversion:** A layer of phosphor is applied over the blue chip to convert light into white. The "EM" designation typically refers to specific binning and phosphor recipes for indoor lighting.
* **Leadframe:** A silver-plated copper alloy leadframe provides high thermal conductivity and electrical connection points.
* **Encapsulation:** Clear or diffused silicone resin protects the chip from environmental factors while maintaining optical clarity.
---
### 3. Application Areas
The GW JCLPS2.EM is optimized for the following electronic systems:
1. **Retrofit Lamps:** LED bulbs (A-lamps) and tubes.
2. **Luminaires:** Area lights and downlights for office or residential use.
3. **Linear Lighting:** LED strips where consistent color and high density are needed.
---
### 4. Circuit Design Consideration
When integrating this part into a PCB, engineers must consider the following:
```markdown
- Current Limiting: Use a constant current driver to prevent thermal runaway.
- Thermal Management: Ensure the solder pads are connected to a large copper pour to dissipate heat.
- Polarity: The cathode is usually marked by a notch on the corner of the package.
```
- ⤷
What are the specific color temperature (CCT) options available for the GW JCLPS2.EM?
- ⤷ How does the 'EM' suffix differentiate this model from the 'CM' or 'PM' versions?
- ⤷ What is the maximum junction temperature this LED can withstand?