Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • GT10-16DP-R

  • AI
    ## GT10-16DP-R Electronic Component Overview The **GT10-16DP-R** is a specific automotive-grade connector component manufactured by **Hirose Electric**. It belongs to the GT10 series, which is primarily designed for internal antenna connections and electronic equipment in vehicles. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | Header / Plug (Male) | | **Number of Positions** | 16 Pins | | **Pitch** | 2.5 mm | | **Mounting Type** | Right Angle (Through-Hole) | | **Termination** | Solder | | **Operating Temperature** | -40°C to +85°C | | **Voltage Rating** | 30V AC/DC | | **Current Rating** | 1A (varies by wire gauge) | --- ### 2. Physical Construction * **Housing Material:** High-grade synthetic resin (usually PBT or PPS), designed to withstand high temperatures and automotive vibrations. * **Contact Material:** Copper Alloy with Tin or Gold plating options to prevent corrosion. * **Locking Mechanism:** Features a robust **inner-lock** system that ensures a secure "click" connection, preventing accidental disconnection due to road shock or vibration. --- ### 3. Applications and Usage This part is commonly found in the following electronic systems: 1. **Car Audio & Navigation:** Connecting mainboards to peripheral displays or antenna modules. 2. **Instrument Clusters:** Providing signal paths for dashboard electronics. 3. **Sensor Interfaces:** Linking external sensors to the Electronic Control Unit (ECU). 4. **In-Vehicle Infotainment (IVI):** Standardized signal transmission for multimedia units. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **GT10** | Series Name (Automotive standard) | | **16** | Number of contacts (16 pins) | | **DP** | Double-row Pin header | | **R** | Right-angle orientation |
    ✨ Follow-up Questions
    • ⤷ What is the mating connector part number for the GT10-16DP-R?
    • ⤷ Is there a surface-mount (SMT) version of this connector available?
    • ⤷ What is the specific dielectric withstanding voltage for this series?