Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • GS-R4840N

  • AI
    ## GS-R4840N: High-Current Step-Down Switching Regulator The **GS-R4840N** is a member of the GS-R series of DC-DC converters manufactured by STMicroelectronics. It is designed as a high-efficiency, non-isolated step-down (buck) switching regulator module. It is particularly known for its high current output capability and modular "SIP" (Single In-line Package) design. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the GS-R4840N: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 15V to 48V DC | | **Output Voltage** | 5.1V DC (Fixed) | | **Output Current** | 4.0 Amperes (Max) | | **Efficiency** | Typically 75% to 85% | | **Switching Frequency** | ~100 kHz | | **Isolation** | Non-isolated (Common Ground) | | **Package Type** | Vertical PCB mount (Metal Casing) | --- ### 2. Internal Electronic Architecture The module is not just a single chip; it is a hybrid circuit containing several discrete and integrated components: * **PWM Controller:** An internal integrated circuit that regulates the output by adjusting the duty cycle of the high-side switch. * **Power Switching Element:** Usually a high-performance MOSFET or Bipolar transistor capable of handling up to 4A. * **Power Inductor:** A large, shielded inductor used for energy storage during the conversion process. * **Schottky Diode:** Acts as the "freewheeling" diode to maintain current flow when the main switch is off. * **Input/Output Capacitors:** Internal filtering capacitors to reduce ripple voltage (though external capacitors are often recommended for stability). --- ### 3. Pinout Configuration The device typically features a multi-pin layout. While you should always verify with the specific datasheet version, the standard configuration for this series is: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **+Vin** | Positive DC input voltage | | 2 | **Input GND** | Return path for input power | | 3 | **Output GND** | Return path for output power (Common with Pin 2) | | 4 | **+Vout** | Regulated 5.1V output | | 5 | **Inhibit** | (Optional) Remote ON/OFF control | --- ### 4. Features and Protections The GS-R4840N includes several "ruggedizing" features that make it suitable for industrial applications: * **Short Circuit Protection:** The module will shut down or limit current if the output is shorted to ground. * **Thermal Protection:** Internal thermal shutdown if the module exceeds safe operating temperatures. * **Soft Start:** Gradually increases the output voltage during power-up to prevent current spikes. * **Metal Shielding:** The internal components are housed in a metal case to provide electromagnetic interference (EMI) shielding. --- ### 5. Application Example To use the GS-R4840N, a basic circuit implementation would look like this: ```text [Input 15-48V] ----> [Pin 1: +Vin] [Pin 4: +Vout] ----> [Load 5.1V / 4A] | | [Input Cap 100uF] [Output Cap 220uF] | | [GND] -------------> [Pin 2: GND] -------- [Pin 3: GND] ------> [GND] ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the GS-R4840N when operating at full 4A load?
    • ⤷ Can the output voltage be adjusted
    • ⤷ or is it strictly fixed at 5.1V?
    • ⤷ What are the common alternatives if the GS-R4840N is obsolete?