GS-R24F0001.0
AI

### Overview of the GS-R24F0001.0
The **GS-R24F0001.0** is a specific step-down (buck) switching regulator module, historically manufactured by STMicroelectronics. It belongs to the GS-R series, designed to provide high-efficiency power conversion in a compact, ready-to-use package.
---
### Technical Specifications
The following table outlines the core electronic characteristics of the GS-R24F0001.0:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 9V to 40V DC |
| **Output Voltage** | 5.1V DC |
| **Output Current** | 2.0 Amperes (Max) |
| **Efficiency** | ~80% to 90% (Load dependent) |
| **Switching Frequency** | ~100 kHz |
| **Package Type** | SIP (Single In-line Package) |
| **Cooling** | Natural convection (Heatsink usually integrated) |
---
### Internal Electronic Components
While the module is encapsulated, its internal architecture typically consists of the following functional blocks:
1. **Switching Controller:** An integrated PWM (Pulse Width Modulation) controller that regulates the output by varying the duty cycle.
2. **Power MOSFET:** A high-speed electronic switch that handles the input voltage chopping.
3. **Power Inductor:** Used to store energy during the "on" cycle and release it to the load during the "off" cycle.
4. **Schottky Diode:** Acts as a freewheeling diode to provide a path for the current when the MOSFET is off.
5. **Filter Capacitors:** High-quality electrolytic or ceramic capacitors located at the input and output to reduce voltage ripple and noise.
---
### Pin Configuration
The module typically features a simple pinout for easy integration into PCBs:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | **+Vin** | Positive Unregulated Input Voltage |
| **2** | **Input GND** | Return path for Input Power |
| **3** | **Output GND** | Return path for Output Power (Common with Pin 2) |
| **4** | **+Vout** | Regulated 5.1V Output |
| **5** | **Inhibit (Optional)** | Pin used to turn the module ON/OFF remotely |
---
### Key Features and Applications
* **Short Circuit Protection:** The internal electronics are designed to shut down or limit current if a short occurs.
* **Thermal Protection:** Includes an internal thermal cutout to prevent damage from overheating.
* **Applications:**
* Industrial control systems.
* Telecommunications equipment.
* Distributed power architectures (where a high voltage bus needs to be stepped down to logic levels).
- ⤷
What is the maximum operating temperature for the GS-R24F0001.0?
- ⤷ Can this module be used in parallel to increase output current?
- ⤷ What are the modern drop-in replacements for this discontinued STMicroelectronics module?