G3T15AH-R
AI

## Overview of the G3T15AH-R
The **G3T15AH-R** is a high-quality, ultra-miniature toggle switch manufactured by **NKK Switches**. It is specifically designed for logic-level applications and is known for its surface-mount capability and reliability in compact electronic circuits.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Circuit Type** | SPDT (Single Pole Double Throw) |
| **Switch Function** | ON - NONE - ON |
| **Current Rating** | 0.4VA maximum @ 28V AC/DC max |
| **Termination Style** | Gull Wing (Surface Mount) |
| **Actuator Style** | Toggle (Standard) |
| **Operating Temperature** | -30°C to +85°C |
| **Mechanical Life** | 50,000 Cycles |
---
### 2. Component Design & Materials
The G3T15AH-R utilizes specific materials to ensure longevity and electrical integrity:
* **Contacts:** Typically gold-plated over nickel. Gold is used because these switches operate at "Logic Level" (low voltage/current), where preventing oxidation is critical for maintaining conductivity.
* **Sealing:** The device features a **process-sealed construction**. This allows the component to withstand automated soldering processes, including fluxing and immersion cleaning, without internal contamination.
* **Housing:** Made of high-temperature heat-resistant resin to withstand infrared (IR) convection reflow soldering.
---
### 3. Physical Dimensions (Approximate)
Due to its "Ultra-Miniature" classification, the dimensions are extremely small to save PCB real estate:
* **Body Width:** ~7.0 mm
* **Body Height:** ~5.0 mm (excluding actuator)
* **Mounting Type:** Horizontal SMT (Surface Mount Technology). The "AH" in the part number specifically denotes the **Right Angle Surface Mount** orientation with a bracket.
---
### 4. Applications
This component is commonly found in:
1. **Handheld Devices:** Due to its small footprint.
2. **Telecommunications:** For signal switching in networking equipment.
3. **Medical Instrumentation:** Where high reliability and small size are required.
4. **Test & Measurement:** Used as a configuration or reset switch on internal boards.
---
### 5. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **G3T** | Series (Ultra-Miniature SMT Toggles) |
| **15** | Circuit (SPDT, ON-ON) |
| **AH** | Right Angle SMT terminals with bracket |
| **-R** | Tape & Reel Packaging (for automated assembly) |
- ⤷
What is the difference between logic-level and power-level switches?
- ⤷ Can this switch be hand-soldered or is it strictly for reflow?
- ⤷ Does the G3T series offer a momentary (ON-OFF-ON) version?