Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • FVF-4D-R

  • AI
    The **FVF-4D-R** is a specific model of a **Full-View Flow Indicator** (often associated with brands like Dwyer or similar industrial instrumentation manufacturers). This device is primarily used to monitor the flow, color, and clarity of liquids in a piping system. Below is a breakdown of the electronic and mechanical components associated with this series. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Model Type** | Full-View Flow Indicator | | **Connection Size** | 1/2" NPT (Standard for 4D-R series) | | **Body Material** | Typically Carbon Steel or Stainless Steel | | **Glass Material** | Tempered Borosilicate (Pyrex) | | **Pressure Rating** | Up to 150 PSI (standard) | | **Temperature Range** | -20°F to 200°F (-29°C to 93°C) | --- ### 2. Key Components Breakdown #### A. The Indicator (Drip Tube/Rotor) The **"-R"** suffix in the model number typically denotes the inclusion of a **Rotor** or **Drip Tube**. * **Electronic Integration:** While the base model is purely mechanical, it can be fitted with a **magnetic rotor**. As the fluid flows, the rotor spins. * **Pulse Output:** In advanced versions, a Hall Effect sensor or a Reed Switch can be mounted on the exterior of the glass to count the revolutions of the magnetic rotor, converting mechanical flow into an electronic pulse signal. #### B. Sealing and Gaskets * **Material:** Usually Teflon (PTFE) or Viton. * **Function:** These ensure that the electronic sensors (if added) are not contaminated by leaks and provide a buffer between the metal body and the glass tube. #### C. Optional Electronic Add-ons Standard FVF-4D-R units are passive, but they are often integrated into electronic control systems using the following parts: 1. **Optical Sensors:** High-intensity LEDs and photo-resistors can be clamped to the glass to detect changes in fluid turbidity (clarity) or the presence of bubbles. 2. **Backlighting:** LED panels are often mounted behind the "Full-View" glass to allow for remote monitoring via CCTV or to improve visibility in dark industrial environments. 3. **Flow Switches:** A magnetic float can be added inside the tube, which triggers an external dry contact switch when flow reaches a specific threshold. --- ### 3. Maintenance and Safety When dealing with the "electronic" aspects of flow indicators, consider the following: * **Grounding:** Ensure the metal body of the FVF-4D-R is properly grounded to prevent static buildup, especially if the fluid is flammable. * **NEMA Ratings:** If adding electronic sensors, ensure the housings meet **NEMA 4X** or **IP65** standards for wash-down environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' rotor model and the 'F' flapper model?
    • ⤷ Can the FVF-4D-R be used with corrosive chemicals?
    • ⤷ How do you calibrate an external sensor for this flow indicator?