FTG-7B-R
AI

The **FTG-7B-R** is a specific model of a **Spark Gap Protector** (Gas Discharge Tube or GDT) manufactured by **Mitsubishi Electric**. It is primarily used as a high-voltage protection component in power electronics and heavy industrial applications.
---
## 1. Core Technical Specifications
The FTG-7B-R is designed to shunt high-voltage transients to the ground to protect sensitive internal components.
| Parameter | Specification (Typical) |
|:---|:---|
| **DC Spark-over Voltage** | 700V (±15% to 20%) |
| **Impulse Discharge Current** | 10kA to 20kA (8/20μs wave) |
| **Insulation Resistance** | > 100 MΩ |
| **Capacitance** | < 5 pF (Very low signal distortion) |
| **Mounting Type** | Radial Lead / Through-hole |
---
## 2. Key Electronic Features
### A. Gas Discharge Technology
Inside the ceramic or glass housing, two electrodes are separated by an inert gas. When a high voltage (exceeding 700V) hits the device, the gas ionizes and turns into a highly conductive plasma arc, effectively "shorting" the surge to ground.
### B. High Current Handling
Unlike Varistors (MOVs) which dissipate energy as heat, the FTG-7B-R can handle extremely high impulse currents (up to **20,000 Amperes** for short durations) without immediate destruction.
### C. Low Capacitance
One of its primary advantages is its near-zero capacitance. This makes it ideal for high-speed data lines or RF circuits where a standard surge protector would interfere with the signal frequency.
---
## 3. Common Applications
The FTG-7B-R is typically found in the following electronic environments:
* **Power Supply Units (PSUs):** Protection against lightning strikes on input AC lines.
* **Motor Drives/Inverters:** Used in Mitsubishi HVAC or elevator control boards to prevent damage from back-EMF or grid surges.
* **Telecommunications:** Protecting outdoor equipment from atmospheric static or lightning induced surges.
* **Railway Systems:** Ensuring signaling equipment remains functional during power fluctuations.
---
## 4. Typical Circuit Integration
In a professional protection circuit, the FTG-7B-R is often used in a "Hybrid" configuration:
```mermaid
graph LR
LineIn(AC Line) --> GDT(FTG-7B-R)
GDT --> Ground(Earth)
LineIn --> Resistor/Inductor --> MOV(Varistor)
MOV --> Sensitive_Circuit
```
*Note: The GDT acts as the "primary" coarse protection, while an MOV (Metal Oxide Varistor) handles the "fine" voltage clamping.*
- ⤷
What is the difference between the FTG-7B-R and a standard MOV?
- ⤷ How do I test if an FTG-7B-R is still functional using a multimeter?
- ⤷ Does the 'R' suffix indicate RoHS compliance or a specific lead configuration?