Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • FSP-1B-R/Q

  • AI
    The **FSP-1B-R/Q** is a specialized electronic component, typically classified as a **High-Frequency Directional Coupler** or a **Power Splitter/Combiner**, often used in RF (Radio Frequency) and microwave applications. These components are vital for signal monitoring, feedback loops, and power distribution without interrupting the main signal path. --- ### 1. Technical Specifications Overview The "R/Q" suffix usually denotes specific packaging or lead-free/RoHS compliance standards. Below are the typical electronic characteristics for this series: | Parameter | Typical Value / Range | | :--- | :--- | | **Frequency Range** | 5 MHz to 1000 MHz (Broadband) | | **Impedance** | 50 $\Omega$ or 75 $\Omega$ (application dependent) | | **Coupling Factor** | Usually 6dB, 10dB, or 20dB (model specific) | | **Insertion Loss** | < 1.5 dB (Main line) | | **Power Rating** | 0.25W to 1W (typical for surface mount) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Electronic Functions #### A. Directional Coupling The FSP-1B uses internal **magnetic transformers** (ferrite cores) to "bleed" a small, precise amount of power from the main transmission line to a coupled port. This allows engineers to measure the signal strength or frequency without cutting the connection. #### B. Isolation One of the primary electronic strengths of this part is high isolation between the output and coupled ports. This prevents reflected signals (VSWR) from interfering with the original signal source. #### C. Impedance Matching The internal circuitry is designed to maintain a stable VSWR (Voltage Standing Wave Ratio). This ensures that the introduction of the FSP-1B into a circuit does not cause signal reflections that could damage sensitive RF power amplifiers. --- ### 3. Physical & Internal Construction * **Substrate:** Usually high-frequency ceramic or FR-4 based. * **Winding:** Micro-miniature copper wire wound around ferrite toroids. * **Housing:** Surface Mount Device (SMD) package, often with gold-plated or tin-plated leads for reliable soldering. * **Shielding:** Many versions feature a metal cover to prevent Electromagnetic Interference (EMI) from affecting the signal. --- ### 4. Common Applications 1. **Cable TV (CATV):** Distributing signals to multiple branches while maintaining signal integrity. 2. **Test & Measurement:** Extracting a sample of a signal for an oscilloscope or spectrum analyzer. 3. **Wireless Infrastructure:** Used in base stations for monitoring the output power of transmitters. 4. **Feedback Loops:** Providing a sample signal to an Automatic Gain Control (AGC) circuit.
    ✨ Follow-up Questions
    • ⤷ What is the exact coupling loss for the 1B variant compared to the 1A?
    • ⤷ Is this part compatible with lead-free reflow soldering processes?
    • ⤷ What are the pinout configurations for the SMD package?