AI

The **FSMD150-2920-R** is a surface-mount Resettable PTC (Positive Temperature Coefficient) thermistor, commonly known as a **PolySwitch** or Resettable Fuse. It is designed to protect electronic circuits from overcurrent and over-temperature conditions.
---
## 1. Technical Specifications
The following table highlights the primary electrical characteristics of the FSMD150-2920-R:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Hold Current ($I_{hold}$)** | 1.50 A | Max current the device will pass without tripping. |
| **Trip Current ($I_{trip}$)** | 3.00 A | Min current at which the device will switch to high resistance. |
| **Max Voltage ($V_{max}$)** | 33 V | Maximum voltage the device can withstand. |
| **Max Current ($I_{max}$)** | 100 A | Maximum fault current the device can safely handle. |
| **Power Dissipation ($P_d$)** | 1.5 W | Power dissipated when the device is in a tripped state. |
| **Form Factor** | 2920 | Surface mount package (approx. 7.5 x 5.1 mm). |
---
## 2. Key Features and Operation
The device functions as a solid-state fuse that "resets" itself once the fault is cleared and the temperature drops.
### How it Works:
1. **Normal State:** The device has a very low resistance, allowing current to flow to the load.
2. **Fault State:** During an overcurrent event, the internal polymer heats up. Once it reaches a critical temperature, it expands, causing the internal conductive particles to disconnect.
3. **High Resistance:** The resistance increases dramatically, limiting the current to a safe leakage level.
4. **Reset:** Once the power is removed or the fault is fixed, the device cools down, the polymer contracts, and the conductive paths are restored.
### Advantages:
* **Resettable:** Eliminates the need for physical fuse replacement.
* **Small Footprint:** The 2920 SMD package is ideal for high-density PCB designs.
* **Reliability:** Provides consistent protection against short circuits and power surges.
---
## 3. Typical Applications
The FSMD150-2920-R is widely used in various electronic sectors:
* **Computer Peripherals:** USB ports, IEEE 1394 (FireWire) ports.
* **Consumer Electronics:** Game consoles, digital cameras, and mobile phones.
* **Automotive:** Protection for small motors and interior lighting circuits.
* **Telecommunications:** Network interface cards and modems.
---
- ⤷
What is the difference between hold current and trip current?
- ⤷ How does ambient temperature affect the performance of this PTC?
- ⤷ Can this device be used for AC voltage protection?