AI

## Technical Overview: FSMD016-0603-R
The **FSMD016-0603-R** is a surface-mount **Polymeric Positive Temperature Coefficient (PPTC)** device, commonly known as a **Resettable Fuse**. It is designed to protect electronic circuits from overcurrent conditions without requiring manual replacement after a fault.
### 1. Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Package / Case** | 0603 (1608 Metric) |
| **Hold Current ($I_{hold}$)** | 0.16 Amperes (160mA) |
| **Trip Current ($I_{trip}$)** | 0.37 Amperes (370mA) |
| **Maximum Voltage ($V_{max}$)** | 9.0 Volts (DC) |
| **Maximum Current ($I_{max}$)** | 40 Amperes |
| **Power Dissipation ($P_d$ typ.)** | 0.50 Watts |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Principles
The device operates based on the thermal properties of its conductive polymer composite:
* **Normal Operation:** At rated hold current, the device maintains low resistance, allowing current to flow freely.
* **Overcurrent Event:** If the current exceeds the trip threshold ($I_{trip}$), the internal temperature rises rapidly. The polymer expands, breaking the conductive chain and increasing resistance significantly.
* **Reset Mechanism:** Once the fault is cleared and the power is cycled or the device cools down, the polymer contracts, restoring the conductive pathways and returning the device to a low-resistance state.
---
### 3. Features and Advantages
* **Miniaturization:** The **0603** footprint (1.6mm x 0.8mm) makes it ideal for high-density PCB designs like smartphones and wearables.
* **Resettability:** Unlike traditional one-shot fuses, it does not need to be replaced after a trip event, reducing maintenance costs.
* **Fast Response:** Provides rapid protection against short circuits.
* **Compliance:** Lead-free and RoHS compliant.
---
### 4. Typical Applications
1. **USB Ports:** Protection for USB 2.0/3.0 peripherals and hubs.
2. **Portable Electronics:** Battery packs for tablets, cameras, and IoT sensors.
3. **Motherboards:** Protecting sensitive logic ICs from power surges.
4. **HDMI/DisplayPort:** Safeguarding signal lines against accidental shorts.
---
### 5. Soldering Profile (Reflow)
The FSMD series is designed for standard SMT reflow processes.
```yaml
Reflow_Process:
Preheat_Temperature: 150°C to 200°C
Time_Above_Liquidous: 60 - 150 seconds
Peak_Temperature: 260°C (Max)
Cooling_Rate: -6°C/second (Max)
```
- ⤷How does ambient temperature affect the hold current of this PPTC?
- ⤷ What is the typical time-to-trip for the FSMD016-0603-R at maximum current?
- ⤷ Can this fuse be used in AC power applications?