Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • FRTD-R-HZ-R

  • AI
    The **FRTD-R-HZ-R** belongs to a specialized category of industrial thermal management components, specifically designed as a **Finned Resistance Temperature Detector (RTD)**. These sensors are engineered to monitor air or gas temperatures in environments where high-speed response and surface area contact are critical. --- ### 1. Key Technical Specifications Below are the typical electronic and physical specifications associated with this part series: | Parameter | Description | | :--- | :--- | | **Sensor Type** | Platinum Resistance (Pt100 or Pt1000) | | **Configuration** | Finned (Increased surface area for air contact) | | **Tolerance Class** | Class A or Class B (per IEC 60751) | | **Temperature Range** | Typically -50°C to +250°C (varies by insulation) | | **Material** | Stainless Steel (304/316) or Aluminum fins | | **Wiring** | 2-wire, 3-wire, or 4-wire configurations | --- ### 2. Functional Electronic Components The "Electronic Parts" of this device consist of the following internal structure: #### A. The Sensing Element (The Core) The heart of the FRTD is a thin-film platinum resistor. Its electrical resistance changes linearly with temperature. * **Standard:** At 0°C, the resistance is exactly **100.00 Ω** (for Pt100). * **Response:** As the ambient air heats the fins, the heat is conducted to this element, increasing its resistance. #### B. The Finned Heat Sink Unlike standard probe RTDs, the **HZ-R** designation often refers to a "Horizontal" or "High-Z" finned assembly. * **Purpose:** To increase the "Surface Area to Mass" ratio. * **Benefit:** This reduces the thermal time constant, allowing the electronics to register temperature changes in moving air much faster than a smooth cylindrical probe. #### C. Extension Leads & Insulation The "R" suffix often denotes specific lead wire insulation or a "Rigid" construction. * **Teflon (PTFE):** Used for moisture resistance. * **Fiberglass:** Used for high-temperature applications. --- ### 3. Applications and Usage The FRTD-R-HZ-R is primarily used in: 1. **HVAC Duct Monitoring:** Measuring air temperature in large ventilation shafts. 2. **Load Banks:** Monitoring the heat output of large electrical resistor banks. 3. **Industrial Ovens:** Ensuring uniform air distribution and temperature control. --- ### 4. Comparison: Finned vs. Standard RTD | Feature | Standard Probe RTD | Finned RTD (FRTD) | | :--- | :--- | :--- | | **Response Time** | Slower in air | Very Fast in air | | **Primary Medium** | Liquids / Solids | Gases / Air | | **Airflow Resistance** | Low | Moderate (due to fins) |
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value (Pt100 vs Pt1000) for the HZ-R model?
    • ⤷ How does the finned design affect the thermal time constant in seconds?
    • ⤷ What are the typical wiring color codes for this sensor type?