FRS-R-18
AI

## FRS-R-18: Technical Overview
The **FRS-R-18** is a specific model of industrial-grade cartridge fuse belonging to the **Fusetron™** series, manufactured primarily by **Bussmann (Eaton)**. It is widely used in electrical systems to protect circuits from overcurrent and short-circuit damage.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | FRS-R-18 |
| **Current Rating** | 18 Amperes |
| **Voltage Rating (AC)** | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc |
| **Interrupting Rating** | 200,000A (RMS Symmetrical) |
| **Fuse Class** | Class RK5 |
| **Response Characteristic** | Time-Delay (Dual-Element) |
| **Physical Size** | 1.06" Diameter x 5" Length |
---
### 2. Core Electronic Characteristics
#### A. Dual-Element Design
The FRS-R-18 is a **dual-element fuse**. This means it contains two distinct components designed to handle different types of electrical faults:
1. **Thermal Element:** Handles long-term overloads (e.g., a motor drawing slightly too much current). It allows for a specific "time-delay" before blowing.
2. **Short-Circuit Element:** A fast-acting component that triggers immediately (in milliseconds) if a massive surge or short circuit occurs.
#### B. Time-Delay Functionality
This fuse is specifically designed for circuits with **inductive loads** (like motors or transformers). When a motor starts, it draws a temporary "inrush current" much higher than its running current. The FRS-R-18 ignores these brief spikes (up to 10 seconds at 500% of the rated current) to prevent "nuisance tripping."
#### C. Current Limitation
As a Class RK5 fuse, it is **current-limiting**. This means in the event of a catastrophic short circuit, the fuse reacts so quickly that it prevents the current from reaching its full destructive peak, protecting downstream components like contactors and breakers.
---
### 3. Physical Construction & Rejection Feature
The "R" in FRS-R stands for **Rejection**.
* **Rejection Tip:** The fuse has a specific groove or physical shape on one of the end caps.
* **Safety:** This ensures that it can only be installed in a Class R fuse holder, preventing someone from accidentally replacing it with a lower-rated or non-current-limiting fuse (like a Class H fuse).
---
### 4. Common Applications
* **Motor Branch Circuits:** Protection for small to medium industrial motors.
* **Transformers:** Handling primary side inrush current.
* **Panelboards:** General purpose protection where high interrupt ratings are required.
* **Inductive Loads:** Any circuit with solenoids or coils that create momentary surges.
---
- ⤷
What is the difference between an RK5 and an RK1 fuse in the Fusetron series?
- ⤷ Can an FRS-R-18 fuse be used in a 250V circuit?
- ⤷ How do I test if an FRS-R-18 fuse is blown using a multimeter?