Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • FRS-R-114

  • AI
    ### Overview of the FRS-R-1/4 Fuse The **FRS-R-1/4** is a high-performance, current-limiting, dual-element time-delay fuse. It is part of the **Fusetron™** series manufactured by Bussmann (Eaton). This specific model is rated for **1/4 Amp (0.25A)** and is designed for industrial and commercial electrical systems. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Number** | FRS-R-1/4 | | **Amperage Rating** | 0.25 Amps (1/4 A) | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating** | 200,000A RMS Symmetrical (AC) / 20,000A (DC) | | **Fuse Class** | Class RK5 | | **Type** | Dual-Element, Time-Delay | | **Dimensions** | 5.0" x 0.81" (Standard 600V RK5 Cartridge size) | --- ### Key Electronic Characteristics 1. **Dual-Element Design**: * It contains two distinct components: a thermal cutout for overload protection and a fuse link for short-circuit protection. * This allows the fuse to handle temporary surges (like motor startups) without blowing, while still providing rapid protection against high-magnitude faults. 2. **Current Limiting**: * As a Class RK5 fuse, it is highly current-limiting. In the event of a major short circuit, it reacts in less than half a cycle (8.3ms), significantly reducing the destructive thermal and magnetic energy that reaches downstream components. 3. **Time-Delay Property**: * The "Time-Delay" feature means the fuse will not blow immediately if the current slightly exceeds 0.25A for a fraction of a second. This prevents "nuisance blowing" in circuits with inductive loads. 4. **Rejection Feature**: * The "R" in FRS-R stands for the rejection feature. The physical casing has a specific groove that, when used with an R-series fuse block, prevents the installation of non-rejection fuses (like Class H or K) which have lower interrupting ratings. --- ### Common Applications * **Control Transformers**: Protecting the primary or secondary side of small industrial control transformers. * **Solenoids and Valves**: Used in automated systems to protect low-current actuators. * **Motor Control Circuits**: Providing overcurrent protection for the sensitive control logic in motor starters. * **General Circuit Protection**: Anywhere a 600V system requires very fine (0.25A) overcurrent protection. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK1 and an RK5 fuse like the FRS-R-1/4?
    • ⤷ Can I use an FRS-R-1/4 in a 250V circuit?
    • ⤷ How does the time-delay curve of this fuse affect motor startup calculations?