Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • FPM4184H-R010DAQ

  • AI
    The **FPM4184H-R010DAQ** is a high-performance fingerprint sensor module commonly used in biometric security applications. It is part of the capacitive sensing family, designed for integration into mobile devices, smart locks, and attendance systems. --- ### 1. Key Technical Specifications The electronic components of this module revolve around its high-resolution capacitive sensing array and its processing interface. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Capacitive Fingerprint Sensor | | **Resolution** | 508 DPI (Dots Per Inch) | | **Interface** | SPI (Serial Peripheral Interface) | | **Voltage Supply** | 3.3V (Typical) | | **Active Area** | Approx. 8.0 x 8.0 mm | | **ESD Protection** | Up to ±15kV | --- ### 2. Electronic Component Breakdown The module consists of several critical electronic sub-systems: #### A. Capacitive Sensing Array The surface of the sensor contains thousands of micro-capacitors. When a finger touches the surface, the ridges and valleys of the fingerprint change the capacitance at each pixel differently. The IC then converts these analog changes into a digital map. #### B. The Controller IC (Integrated Circuit) This is the "brain" of the module. It handles: * **A/D Conversion:** Converts the analog signal from the capacitors into digital gray-scale data. * **Image Pre-processing:** Enhances the contrast of the fingerprint image. * **Power Management:** Manages deep-sleep modes to conserve battery in portable devices. #### C. Interface Pins (SPI) The module communicates with a host microcontroller (MCU) via a 4-wire SPI bus. 1. **MOSI/MISO:** Master Out Slave In / Master In Slave Out for data transfer. 2. **SCK:** Serial Clock. 3. **CS:** Chip Select. 4. **IRQ:** Interrupt Request pin, used to "wake up" the host MCU when a finger is detected. --- ### 3. Circuit Integration Example When designing a PCB for this part, the following connections are standard: ```cpp // Pseudocode for SPI Initialization void setup() { SPI.begin(); pinMode(FPM_CS_PIN, OUTPUT); pinMode(FPM_IRQ_PIN, INPUT); // Reset the sensor digitalWrite(FPM_RESET_PIN, LOW); delay(10); digitalWrite(FPM_RESET_PIN, HIGH); } ``` --- ### 4. Implementation Considerations * **ESD (Electrostatic Discharge):** Because the sensor is touched by users, the FPM4184H includes built-in ESD protection, but external TVS diodes are often recommended on the data lines. * **Coating:** The "R010" variant usually refers to a specific protective coating (like matte or glass) that protects the electronic array from sweat, oils, and physical scratches.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the FPM4184H series?
    • ⤷ Does this sensor support hardware-level encryption for fingerprint templates?
    • ⤷ What is the typical current consumption in deep-sleep mode?