Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • FPM-5152G-R2AE

  • AI
    The **FPM-5152G-R2AE** is an industrial-grade 15" XGA TFT LCD monitor manufactured by Advantech. It is designed to withstand harsh industrial environments while providing high-quality visual output and reliable touch interaction. Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Display Module Specifications The core of the unit is a high-performance Liquid Crystal Display (LCD) panel. | Component | Specification | | :--- | :--- | | **Display Type** | 15" XGA TFT LCD | | **Max Resolution** | 1024 x 768 | | **Max Colors** | 16.2M (6-bit + FRC) | | **Luminance** | 400 cd/m² (High brightness for visibility) | | **Backlight Life** | 50,000 hours (LED Backlight) | | **Contrast Ratio** | 700:1 | --- ### 2. Control & Interface Circuitry The internal PCB (Printed Circuit Board) manages signal conversion from standard PC outputs to the LCD panel. * **Video Input Logic:** The board includes an A/D (Analog to Digital) converter to handle multiple signal types. * **Input Ports:** * **VGA:** Standard D-Sub 15-pin connector for analog signals. * **DVI-D:** Digital Visual Interface for lossless digital signal transmission. * **OSD (On-Screen Display):** Buttons located on the rear or side allow electronic adjustment of brightness, contrast, and phase. --- ### 3. Touchscreen Controller The "R2AE" model features a resistive touch interface, which is electrically distinct from the display panel. * **Touch Type:** 5-wire Resistive (Durable and operable with gloves). * **Interface:** Dual-mode support via **USB** or **RS-232 (COM port)**. * **Durability:** Rated for 36 million touches at a single point. * **Driver IC:** Integrated controller that converts physical pressure into digital coordinates. --- ### 4. Power System The device is designed for industrial power grids, which are often unstable. * **Input Voltage:** 12V DC (Standard). * **Power Adapter:** External 60W power adapter (AC 100V ~ 240V input). * **Protection:** Includes basic surge protection and EMI (Electromagnetic Interference) shielding to prevent electronic noise from affecting performance. --- ### 5. Environmental & Physical Electronic Features * **IP64 Rating:** The front panel is electronically sealed against dust and water jets. * **Grounding:** Features a dedicated chassis grounding screw to prevent ESD (Electrostatic Discharge) damage. * **Anti-reflective Screen:** The glass is treated to minimize light interference, improving the optical efficiency of the backlight.
    ✨ Follow-up Questions
    • ⤷ What are the mounting options available for the FPM-5152G?
    • ⤷ Can the resistive touchscreen be used with a stylus or gloves?
    • ⤷ Does this model support HDMI input via an adapter?