Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • FLCS-0A-R/Q

  • AI
    The **FLCS-0A-R/Q** is a specific series of fiber optic components, typically categorized as **Fiber Optic Connectors** or **Adapters** (often within the LC Duplex family). These parts are critical in high-speed data transmission systems. Below is an explanation of the electronic and mechanical characteristics of this component series. --- ### 1. Component Overview The "FLCS" designation usually refers to **FOCIS-compliant LC Simplex or Duplex** connectors. These are small form-factor (SFF) connectors used heavily in networking, telecommunications, and high-density data centers. | Feature | Specification | | :--- | :--- | | **Connector Type** | LC (Lucent Connector) | | **Fiber Type** | Singlemode or Multimode (depending on the suffix) | | **Mounting Style** | Snap-in or Flange Mount | | **Housing Material** | Thermoplastic (UL 94V-0 rated) | | **Ferrule Material** | Zirconia Ceramic | ### 2. Key Electronic & Optical Properties While these are passive components, their performance directly impacts the electronic signaling of the SFP/SFP+ transceivers they connect to. * **Insertion Loss (IL):** Typically $< 0.2$ dB. Low insertion loss ensures that the optical power budget of the electronic system is maintained. * **Return Loss (RL):** For "R/Q" variants (often indicating PC or UPC polish), return loss is usually $> 45$ dB, preventing back-reflections from damaging the laser diode in the transmitter. * **Durability:** Rated for 500 to 1,000 mating cycles. * **Operating Temperature:** Generally $-40°C$ to $+85°C$, allowing for use in industrial electronic environments. ### 3. Suffix Breakdown (R/Q) In electronic component nomenclature, suffixes often denote packaging or minor physical variations: * **-R:** Often stands for **RoHS Compliant** or **Reel** packaging. * **-Q:** Often stands for **Quick-connect** or a specific **Quantity** pack (e.g., 25-unit bulk). * **Color Coding:** * **Blue:** Singlemode (UPC). * **Beige/Aqua:** Multimode (OM1/2 or OM3/4). ### 4. Typical Application Circuit The FLCS series acts as the physical interface between the **Optical Transceiver (SFP)** and the **Fiber Patch Cable**. ```mermaid graph LR A[PCB Traces] --> B[SFP Connector] B --> C[SFP Transceiver] C --> D{FLCS Adapter} D --> E[Fiber Optic Cable] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific insertion loss rating for the FLCS-0A-R variant?
    • ⤷ Are there specific mounting hardware requirements for the 'Q' suffix models?
    • ⤷ How does the zirconia ceramic ferrule improve signal integrity compared to plastic alternatives?