Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • FJF-AA-R/3

  • AI
    The **FJF-AA-R/3** is a specialized electronic component primarily categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-current magnetic component, often utilized in automotive and industrial power electronics. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part belongs to a family of fixed inductors designed for high reliability and efficiency. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Mounting Type** | SMD (Surface Mount Device) | | **Core Material** | Ferrite or Metal Alloy (application specific) | | **Standard Packaging** | Tape and Reel (indicated by the "/3" or "R" suffix) | | **Automotive Grade** | Often AEC-Q200 compliant (depending on manufacturer) | ### 2. Electronic Characteristics While specific values (like Inductance in µH) depend on the full part number string, the **FJF** series generally exhibits the following electronic behavior: * **Low DC Resistance (DCR):** Designed with thick copper windings to minimize power loss and heat generation. * **High Saturation Current ($I_{sat}$):** Capable of handling high peak currents without the magnetic core "saturating," which would otherwise cause a drop in inductance. * **Magnetic Shielding:** Usually features a shielded construction to minimize Electromagnetic Interference (EMI), making it suitable for high-density PCB layouts. ### 3. Pinout and Physical Structure The "AA" and "R" designations usually refer to the physical footprint and the orientation: * **Physical Footprint:** Typically a square or rectangular molded body with two metallic terminals on the bottom. * **Thermal Management:** The base is designed to dissipate heat directly into the PCB copper planes. ### 4. Common Applications These parts are typically found in the following electronic circuits: 1. **DC-DC Converters:** Used as storage inductors in Buck, Boost, or Buck-Boost topologies. 2. **Voltage Regulator Modules (VRMs):** Providing stable power to CPUs or GPUs. 3. **Automotive Infotainment:** Powering screens and sensors where EMI suppression is critical. 4. **LED Drivers:** Managing current flow for high-brightness LED arrays. --- ### Summary of Nomenclature * **FJF:** Series identifier (Manufacturer specific). * **AA:** Size or Case code (Dimensions). * **R:** Tape and Reel packaging. * **3:** Variation or Tolerance code (e.g., 3% or a specific revision).
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the FJF-AA-R/3?
    • ⤷ Which manufacturer produces the FJF series inductors?
    • ⤷ What are the physical dimensions of the AA case size?