FG-R01-4GA
AI

## Technical Overview of the FG-R01-4GA
The **FG-R01-4GA** is a high-precision, industrial-grade **AC/DC Leakage Current Sensor** (also known as a Residual Current Monitoring or RCM sensor) developed by **KEMET**. It is specifically designed to detect very small amounts of leakage current in high-power systems like Electric Vehicle (EV) charging stations.
---
### 1. Key Electronic Specifications
The sensor is built to detect both Alternating Current (AC) and Direct Current (DC) leakage, which is critical for safety in systems where DC faults might occur.
| Parameter | Specification |
| :--- | :--- |
| **Supply Voltage** | 12V to 15V DC |
| **Rated Current Range** | 0 to 300 mA |
| **Frequency Range** | DC to 2 kHz |
| **Operating Temperature** | -40°C to +105°C |
| **Output Type** | Digital (Open Collector) & Analog |
| **Compliance** | IEC 62752 / IEC 62955 (EV Charging Standards) |
---
### 2. Core Components and Functional Blocks
The internal electronics of the FG-R01-4GA consist of several sophisticated stages to ensure accuracy and noise immunity:
#### A. Fluxgate Magnetic Core
Unlike standard current transformers that use simple induction, this sensor uses **Fluxgate technology**.
* It consists of a high-permeability magnetic core.
* It allows the detection of DC offsets which traditional "passive" sensors cannot see.
#### B. Signal Conditioning Circuitry
* **Excitation Circuit:** Drives the magnetic core into saturation.
* **Detection Circuit:** Measures the second harmonic of the excitation frequency, which is proportional to the residual (leakage) current passing through the center hole.
#### C. Integrated Protection & Logic
* **Digital Trip Signal:** The sensor features an internal comparator. If the leakage exceeds a specific threshold (e.g., 6mA DC or 30mA AC), it triggers a digital output to shut down the system.
* **Self-Test Pin:** Allows the master controller to verify the sensor is functional before starting a charging cycle.
---
### 3. Application Architecture
In an electronic system (like an EVSE - Electric Vehicle Supply Equipment), the FG-R01-4GA is typically integrated as follows:
```mermaid
graph LR
A[Power Lines L1/L2/L3/N] --> B(FG-R01-4GA Sensor)
B --> C{Internal Processing}
C --> D[Analog Out: Current Level]
C --> E[Digital Out: Trip/Fault]
D & E --> F[Microcontroller / PLC]
```
---
### 4. Why the "4GA" Variant?
The "4GA" designation typically refers to the physical configuration and the specific sensitivity settings tuned for **Mode 2 and Mode 3 EV charging**. It ensures that the system can detect:
1. **6mA DC Leakage:** To prevent the "blinding" of Type A RCDs.
2. **30mA AC Leakage:** To protect humans against electric shock.
---
- ⤷
What is the difference between Fluxgate technology and Hall Effect sensors for leakage detection?
- ⤷ How do you interface the FG-R01-4GA digital output with an Arduino or ESP32?
- ⤷ What are the specific wiring requirements for the 4-pin connector on this sensor?