Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • FCR-F4-R/Q

  • AI
    The **FCR-F4-R/Q** is a specific series of high-precision, foil-based resistors or specialized electronic connectors depending on the manufacturer (most commonly associated with **Isabellenhütte** or specific high-current shunt series). Below is a detailed breakdown of the electronic specifications and characteristics typically associated with this part number prefix. --- ### 1. Component Overview The FCR series generally refers to **Metal Foil Resistors** or **Shunt Resistors** designed for precision current sensing and power management. | Feature | Specification Details | | :--- | :--- | | **Material** | Manganin or Aluchrom foil (Typical for Isabellenhütte types) | | **Configuration** | 4-Terminal (Kelvin) connection (denoted by the "4") | | **Tolerance** | Highly precise, often ranging from 0.1% to 1.0% | | **Power Rating** | High power handling, often up to 5W - 10W with proper heatsinking | | **Stability** | Excellent long-term stability and low Thermal EMF | --- ### 2. Technical Characteristics #### A. The 4-Terminal (Kelvin) Design The "F4" in the part number usually signifies a **4-terminal Kelvin connection**. This is critical for low-resistance components because: * It separates the **current path** from the **voltage sensing path**. * It eliminates lead resistance and contact resistance from the measurement, ensuring high accuracy in current sensing applications. #### B. Temperature Coefficient of Resistance (TCR) These parts are engineered for extremely low TCR, meaning their resistance value does not change significantly as the temperature rises. * **Typical TCR:** < 20 ppm/K to 50 ppm/K. #### C. Suffix Meanings (R/Q) * **-R:** Generally indicates the packaging type (e.g., Tape & Reel) or a specific resistance value range. * **-Q:** Often denotes **Automotive Grade** qualification (AEC-Q200 compliance) or a specific tolerance class. --- ### 3. Common Applications Due to their precision and power capabilities, these parts are found in: * **BMS (Battery Management Systems):** Monitoring charge/discharge cycles in EVs. * **Power Inverters:** High-efficiency DC-AC conversion. * **Precision Industrial Equipment:** Feedback loops for motor control. * **Medical Equipment:** High-stability power supplies. --- ### 4. Implementation Example (Basic Schematic Logic) When using a 4-terminal shunt like the FCR-F4, the wiring logic is as follows: ```text [Current Source] ----> [Terminal 1 (Force)] ---- [Terminal 2 (Force)] ----> [Load] | | [Terminal 3 (Sense)] [Terminal 4 (Sense)] | | [To Analog-to-Digital Converter / Op-Amp] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific resistance ranges available for the FCR-F4 series?
    • ⤷ How does AEC-Q200 qualification affect the reliability of these parts?
    • ⤷ What is the recommended soldering profile for 4-terminal foil resistors?