FCR-16F-R
AI

The **FCR-16F-R** is a specific electronic component belonging to the category of **rotary DIP switches**. It is manufactured primarily by companies like **Nidec Components (formerly Copal Electronics)** or similar manufacturers specializing in board-level switching components.
### 1. General Overview
The FCR-16F-R is a subminiature, surface-mount or through-hole (depending on the specific series suffix) rotary coded switch. Its primary function is to allow manual configuration of binary or hexadecimal values on a Printed Circuit Board (PCB).
### 2. Technical Specifications
Below are the typical electronic and physical specifications for the FCR-16F-R:
| Feature | Specification |
| :--- | :--- |
| **Code Type** | Hexadecimal (16 positions) |
| **Output Code** | Binary Coded Hexadecimal (0-F) |
| **Switching Voltage** | Max 5V DC (Logic level) |
| **Switching Current** | 100mA |
| **Contact Resistance** | 100 mΩ maximum |
| **Operating Temp** | -25°C to +70°C |
| **Mechanical Life** | 10,000 steps minimum |
| **R-Suffix Meaning** | Usually indicates "Real Code" (or in some contexts, RoHS/Reel packaging) |
---
### 3. Key Electronic Parts & Construction
The internal mechanism consists of several critical layers that ensure electrical connectivity:
1. **Rotor (Actuator):** The top part that the user turns (using a screwdriver). It contains a conductive "wiper."
2. **Contact Plate:** A stationary PCB or metal plate inside the housing with a specific pattern of traces.
3. **Terminals:** Usually 5 pins (4 for the binary bits 1-2-4-8 and 1 for the Common/Ground).
4. **Housing:** Made of heat-resistant plastic (often PPS or PBT) to withstand soldering temperatures.
---
### 4. Logic Table (Hexadecimal Output)
When you turn the dial, the internal wiper connects the **Common (C)** pin to various output pins.
| Position | Output (1-2-4-8) | Hex Value |
| :--- | :--- | :--- |
| 0 | 0000 | 0 |
| 1 | 1000 | 1 |
| 7 | 1110 | 7 |
| 15 (F) | 1111 | F |
---
### 5. Common Applications
* **Address Setting:** Used in RS-485 or CAN bus networks to set a unique ID for a device.
* **Mode Selection:** Selecting between different firmware modes on an industrial controller.
* **Configuration:** Adjusting hardware settings without needing a digital interface or software tool.
- ⤷
What is the difference between 'Real Code' and 'Complement Code' in these switches?
- ⤷ How do I interpret the footprint for PCB layout of the FCR-16 series?
- ⤷ What are the soldering precautions for surface-mount rotary switches?