Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • FCI2012F-R47K

  • AI
    The **FCI2012F-R47K** is a surface-mount multilayer chip inductor commonly used in high-frequency circuits, power management, and signal filtering. This part follows standard industry conventions for naming and specifications. --- ### 1. Part Number Breakdown To understand the component, we can deconstruct the part number: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **FCI** | Series Name | Ferrite Chip Inductor | | **2012** | Case Size (Metric) | 2.0mm x 1.25mm (0805 in Imperial units) | | **F** | Material Code | Ferrite material (optimized for high frequency) | | **R47** | Inductance Value | 0.47 µH (Microhenries) | | **K** | Tolerance | ±10% | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as Bourns or Taiyo Yuden), the general specifications for this part are: * **Inductance:** 0.47 µH * **Tolerance:** ±10% * **DC Resistance (DCR):** Typically ranges from 0.30Ω to 0.50Ω (Maximum). * **Rated Current (Idc):** Generally between 200mA and 300mA. * **Self-Resonant Frequency (SRF):** Usually above 100 MHz. * **Operating Temperature:** -40°C to +85°C (standard) or up to +125°C. --- ### 3. Construction and Characteristics The "FCI" series utilizes **Multilayer Technology** rather than wire-winding: * **Structure:** It consists of alternating layers of ferrite paste and conductive paste (usually silver) fired into a monolithic block. * **Shielding:** Because the magnetic flux is contained within the body, it is "self-shielded," reducing electromagnetic interference (EMI) with neighboring components. * **No Cross-talk:** The closed magnetic circuit minimizes leakage flux. --- ### 4. Typical Applications This specific inductor is found in small-scale consumer electronics: 1. **Mobile Devices:** Filtering noise in smartphones and tablets. 2. **DC-DC Converters:** Used in low-power voltage regulation circuits. 3. **Signal Line Filtering:** Suppressing high-frequency noise in communication lines. 4. **Audio Circuits:** Decoupling and noise suppression in portable audio players. --- ### 5. Footprint Information (0805) For PCB design, use the following dimensions: ```text Length (L): 2.00 mm ± 0.20 Width (W): 1.25 mm ± 0.20 Thickness: 0.85 mm to 1.25 mm (varies) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a multilayer chip inductor and a wire-wound inductor?
    • ⤷ Can I substitute a 0.47uH inductor with a different tolerance
    • ⤷ like 'M' (±20%)?
    • ⤷ How does the DC Resistance (DCR) affect the efficiency of this component in a circuit?