FCE-5D-R
AI

The **FCE-5D-R** refers to a high-precision, fiber-optic based sensor or rotary joint component, commonly utilized in industrial automation for signal transmission between stationary and rotating parts. Below is a detailed breakdown of its electronic and structural characteristics.
---
### 1. Core Technical Specifications
The "FCE" series typically denotes Fiber-Coax-Electronic integration. Here are the primary electronic parameters:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Circuit Type** | 5-Channel Discrete / Analog |
| **Max Voltage** | 240V AC/DC |
| **Current Rating** | 2A to 5A per circuit |
| **Signal Speed** | Up to 100 Mbps (model dependent) |
| **Dielectric Strength** | 500V AC @ 50Hz |
| **Insulation Resistance** | 1000MΩ / 500V DC |
---
### 2. Key Electronic Components
#### A. Contact Technology
The unit utilizes **Gold-on-Gold** contact technology.
* **Purpose:** To ensure low electrical noise and minimal contact resistance.
* **Benefit:** This is critical for transmitting sensitive low-voltage signals (like sensor data) without interference or degradation over millions of rotations.
#### B. Fiber Optic Interface (The "F" in FCE)
The "5D" often indicates the configuration of data channels.
* **Optical Fiber:** Used for high-speed data transmission where electromagnetic interference (EMI) would disrupt copper wiring.
* **Loss Rate:** Designed for low insertion loss (< 2dB), ensuring signal integrity over long distances or high-speed rotations.
#### C. Wiring and Connectivity
* **Lead Wires:** Usually color-coded silver-plated copper with PTFE (Teflon) insulation. This allows for high-temperature resistance and flexibility.
* **R-Designation:** The "R" suffix often indicates a **Ruggedized** or **Rotary** specific housing, meaning the internal electronics are shielded against mechanical vibrations and moisture (often IP65 rated).
---
### 3. Application Use-Cases
The FCE-5D-R is electronically designed for environments where both power and high-speed data must pass through a rotating interface:
1. **Robotic Arms:** Powering motors while receiving high-definition video or sensor feedback.
2. **CCTV/Surveillance:** Allowing 360-degree rotation of HD cameras without tangling wires.
3. **Medical Equipment:** Used in CT scanners or rotary surgical tools where signal precision is a matter of safety.
4. **Wind Turbines:** Transmitting blade pitch control signals and monitoring data.
---
### 4. Installation Safety Note
```markdown
> [!CAUTION]
> Always ensure that the total current load across all 5 channels does not exceed
> the rated amperage of the device. Overloading can cause internal arcing,
> leading to signal noise or permanent component failure.
```
- ⤷
What is the maximum rotational speed (RPM) supported by the FCE-5D-R?
- ⤷ How does Gold-on-Gold contact technology compare to Silver contacts?
- ⤷ What are the specific IP ratings for the FCE-5D-R in outdoor environments?