Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • FCE-51-R

  • AI
    The **FCE-51-R** is a specific electronic component, typically identified as a **Feedthrough Capacitor** or a **Circular Filter Connector/Insert** manufactured by companies like **Curtis Industries** or **API Technologies (Spectrum Control)**. These parts are primarily used for EMI (Electromagnetic Interference) and RFI (Radio Frequency Interference) suppression. --- ### 1. Component Overview The FCE-51-R belongs to the category of **EMI Filters**. Its primary function is to allow desirable low-frequency signals (or DC power) to pass through a chassis wall while "shunting" high-frequency noise to the ground. ### 2. Technical Specifications While exact specifications can vary slightly by manufacturer, the "51-R" series generally follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Feedthrough Capacitor / Filter | | **Capacitance** | Often 1000 pF to 5000 pF (varies by sub-model) | | **Current Rating** | Typically 5A to 10A | | **Voltage Rating** | 100V DC to 250V AC/DC | | **Mounting Style** | Solder-in or Bushing (Nut & Washer) | | **Circuit Configuration** | C-Type Filter | --- ### 3. Key Electronic Functions 1. **EMI/RFI Suppression**: It prevents high-frequency electromagnetic noise from exiting or entering an enclosure via the power or signal lines. 2. **Decoupling**: It provides a low-impedance path to the ground for high-frequency signals. 3. **Signal Integrity**: By filtering out ripples and noise, it ensures that the sensitive internal electronics receive clean power/signals. ### 4. Construction & Materials * **Dielectric**: Usually ceramic (X7R or NPO), which determines the stability of the capacitance over temperature. * **Plating**: Often features Gold or Silver plating on the leads for high conductivity and oxidation resistance. * **Housing**: A metal shell (usually brass or steel) that acts as the "Ground" terminal when mounted to a metal chassis. --- ### 5. Application Example In a typical installation, the FCE-51-R is mounted through a hole in a shielded metal box: ```text [ External Noise ] ----> [ FCE-51-R Lead ] ----> [ Clean Signal Inside ] | [ Metal Chassis ] | (Ground) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a C-type and a Pi-type filter in this series?
    • ⤷ How do I determine the insertion loss for the FCE-51-R?
    • ⤷ Are there RoHS compliant versions of this specific part?