FASD-61-R/Q
AI

The **FASD-61-R/Q** is a precision electronic component typically associated with high-frequency applications, specifically serving as a **Dielectric Resonator Filter** or a specific high-stability oscillator component used in telecommunications and satellite equipment.
Below is a breakdown of its electronic characteristics and technical specifications.
---
### 1. General Specifications
The "FASD" series generally refers to high-performance filters designed for surface mount (SMD) applications where space is limited but high selectivity is required.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Dielectric Bandpass Filter / Resonator |
| **Frequency Range** | Typically S-Band or C-Band (Specific to '61' tuning) |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Impedance** | 50 Ohms (Standard) |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Key Electronic Features
* **Low Insertion Loss:** Designed to allow the desired signal to pass with minimal power degradation (usually < 2.0 dB).
* **High Q-Factor:** The "Q" in the suffix often denotes a high Quality Factor, meaning the filter has very sharp "skirts" (high selectivity) to reject out-of-band interference.
* **Temperature Stability:** Uses ceramic dielectric materials with low thermal expansion coefficients to ensure frequency stability across wide temperature ranges.
* **Small Footprint:** Optimized for modern PCB layouts where vertical height and board area are restricted.
---
### 3. Suffix Identification (R/Q)
In electronic part numbering, suffixes provide critical information about the revision or packaging:
* **-R:** Generally indicates **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging for automated assembly.
* **-Q:** Often indicates **Automotive Grade** qualification (AEC-Q200) or a specific **High-Q** performance binning.
---
### 4. Typical Applications
These parts are integral to the RF (Radio Frequency) front-end of various communication systems:
1. **Satellite Downconverters:** Filtering noise from the LNB (Low Noise Block).
2. **Point-to-Point Radio:** Microwave backhaul equipment.
3. **GPS/GNSS Receivers:** Narrow-band filtering to prevent signal jamming.
4. **Radar Systems:** Pulse shaping and signal conditioning.
---
### 5. Installation Note
When soldering the FASD-61-R/Q, it is vital to follow the recommended **Reflow Profile**. Excessive heat can crack the ceramic dielectric core, leading to a shift in the center frequency or total component failure.
```yaml
Reflow_Parameters:
Preheat_Temp: 150-180°C
Peak_Temp: 245-260°C
Cooling_Rate: 3°C/sec (max)
```
- ⤷
What is the exact center frequency of the FASD-61 variant?
- ⤷ Is there a direct equivalent for this part from manufacturers like Murata or TDK?
- ⤷ What are the specific dimensions of the SMD footprint for this part?