AI

The **F2SP-F-R/Q** is a high-performance, single-axis digital servo driver (servo amplifier) developed by **Sankyo Seiki** (now Nidec Sankyo). These units are typically used in precision industrial automation, specifically for controlling AC Servo Motors in robotics and semiconductor manufacturing.
---
## 1. Technical Specifications Overview
| Feature | Specification |
| :--- | :--- |
| **Model Type** | F2SP-F Series (Digital Servo Driver) |
| **Control Axis** | Single Axis |
| **Input Voltage** | AC 200V - 230V (Single/Three Phase) |
| **Control Method** | Pulse Train or Analog Voltage Control |
| **Feedback System** | Incremental or Absolute Encoder Support |
| **Communication** | RS-232C / RS-422 Interface |
---
## 2. Key Electronic Components & Functions
The internal electronic architecture of the F2SP-F-R/Q is divided into several critical functional blocks:
### A. Power Conversion Stage (Inverter)
* **IPM (Intelligent Power Module):** The heart of the unit. It contains IGBTs (Insulated Gate Bipolar Transistors) that switch high-voltage DC into a PWM (Pulse Width Modulation) AC output to drive the motor.
* **Rectifier Bridge:** Converts the AC input voltage into DC.
* **Electrolytic Capacitors:** Large "bus" capacitors that smooth the DC voltage and store energy for sudden torque demands.
### B. Control Logic (The "Brain")
* **DSP/MCU (Digital Signal Processor):** Executes high-speed PID control loops for position, speed, and torque.
* **ASIC/FPGA:** Handles real-time encoder feedback processing to ensure sub-millimeter positioning accuracy.
### C. Feedback & I/O Interface
* **Encoder Interface:** Circuitry designed to read differential signals from the motor encoder (A, B, Z phases).
* **I/O Terminals:** Opto-isolated inputs and outputs for "Servo Ready," "Alarm," and "Emergency Stop" signals to protect the electronics from external electrical noise.
---
## 3. Model Suffix Identification
The "R/Q" designation usually refers to specific hardware configurations or firmware revisions:
* **-R:** Often denotes a "Relay" output or a specific Revision level.
* **-Q:** Frequently indicates a specific high-speed pulse train input capability or a "Quick-response" tuning profile.
* **Note:** In Sankyo nomenclature, these letters can also represent specialized connectors (e.g., specific Hirose or industrial circular connectors).
---
## 4. Maintenance and Fault Indicators
The F2SP series features a diagnostic display (usually 7-segment LEDs) to indicate electronic status:
1. **Overcurrent (OC):** Indicates a short circuit in the motor leads or a failure of the internal IPM.
2. **Overvoltage (OV):** Usually caused by rapid deceleration where the motor acts as a generator, exceeding the capacity of the internal regenerative resistor.
3. **Encoder Error (EC):** Electronic failure in the feedback loop or a broken wire in the encoder cable.
- ⤷
What is the specific motor compatibility list for the F2SP-F series?
- ⤷
How do I troubleshoot an 'Overcurrent' error on this specific driver?
- ⤷
Where can I find the wiring diagram for the R/Q connector interface?