Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ESDS312

  • AI
    ## Overview of the ESDS312 The **ESDS312** is a high-performance, TVS (Transient Voltage Suppression) diode array specifically designed for protecting high-speed data interfaces. It is primarily used to safeguard integrated circuits from Electrostatic Discharge (ESD), Electrical Fast Transients (EFT), and Surge events. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 Channels (Uni-directional) | | **Working Voltage ($V_{RWM}$)** | 3.6 V | | **Breakdown Voltage ($V_{BR}$)** | 4.5 V (Minimum) | | **Dynamic Resistance ($R_{DYN}$)** | 0.45 $\Omega$ (Typical) | | **I/O Capacitance ($C_{L}$)** | 0.35 pF (Typical) | | **IEC 61000-4-2 (ESD)** | ±25 kV (Contact), ±30 kV (Air Gap) | | **Package Type** | DPY (X1SON-2) or SOT-23 | --- ### 2. Core Electronic Features #### Low Capacitance The most critical feature of the ESDS312 is its **ultra-low capacitance (0.35 pF)**. This allows the device to protect high-speed lines without degrading the signal integrity. It is suitable for frequencies exceeding 10 GHz. #### Low Dynamic Resistance With a dynamic resistance of **0.45 $\Omega$**, the device can "clamp" voltage spikes very quickly. When an ESD event occurs, the low resistance ensures that the voltage seen by the protected IC remains at a safe, low level. #### Robust Protection Despite its small size, it offers industrial-grade protection: * **Surge Protection:** Can handle up to 4.5 A (8/20 $\mu$s pulse). * **High ESD Rating:** Exceeds the standard Level 4 IEC 61000-4-2 requirements. --- ### 3. Common Applications The ESDS312 is versatile and commonly integrated into the following interfaces: 1. **USB 3.0 / 3.1 / 3.2:** Protecting Tx/Rx differential pairs. 2. **HDMI 2.0 / DisplayPort:** Safeguarding high-definition video lines. 3. **Antenna Protection:** Used in RF circuits due to minimal signal loading. 4. **Ethernet:** 10/100/1000 Mbps magnetic interfaces. --- ### 4. Typical Application Circuit The following block diagram represents how the ESDS312 is placed in parallel with a data line to shunt transients to ground. ```mermaid graph LR Input[Data Connector] --- Line[High Speed Data Line] Line --- Output[Sensitive IC / SoC] Line --- TVS[ESDS312] TVS --- GND[System Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for ESDS312 to ensure maximum ESD protection?
    • ⤷ How does the ESDS312 compare to the ESDS314 in terms of channel count?
    • ⤷ What is the difference between clamping voltage and working voltage for this component?