ES1CL-CA2-R
AI

The **ES1CL-CA2-R** is a specific model within the Omron **ES1C Series** of non-contact infrared temperature sensors. This industrial-grade component is designed to measure the surface temperature of objects without physical contact, converting the thermal radiation into an electrical signal.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Omron Automation |
| **Sensor Type** | Infrared (Non-contact) |
| **Temperature Range** | 0°C to 400°C |
| **Output Type** | K-Type Thermocouple equivalent |
| **Power Supply** | 12 to 24 VDC |
| **Response Time** | 100 ms (approximate) |
| **Distance-to-Spot Ratio** | 1:1 (Field of view) |
| **Cable Length** | 2 meters (standard) |
---
### 2. Electronic Architecture & Functionality
The ES1CL-CA2-R operates using several integrated electronic stages:
* **Infrared Detection Cell:** A thermopile element absorbs infrared radiation from the target object.
* **Signal Conditioning:** The weak micro-voltage from the thermopile is amplified and linearized using internal circuitry.
* **Thermocouple Emulation:** Unlike standard digital sensors, this device mimics the output of a **K-type thermocouple**. This allows it to be wired directly into standard temperature controllers or PLC input modules without needing special infrared drivers.
* **Compensation:** It includes internal ambient temperature compensation to ensure the output remains accurate even if the sensor body heats up.
---
### 3. Wiring and Pinout
The sensor typically features a 4-wire or 3-wire configuration depending on the exact sub-revision, but generally follows this logic:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | VCC | Power Supply (+) 12-24VDC |
| **Blue** | 0V / GND | Power Supply Common (-) |
| **White** | TC (+) | Positive Thermocouple Output (K-type) |
| **Green** | TC (-) | Negative Thermocouple Output (K-type) |
---
### 4. Application Use-Cases
* **Moving Objects:** Measuring temperatures on conveyor belts or rotating machinery where wires cannot be attached.
* **High Voltage Areas:** Measuring components that are electrically "live" and cannot be touched by a metal probe.
* **Food Industry:** Non-contact measurement to maintain hygiene and prevent cross-contamination.
- ⤷
How does the 1:1 distance-to-spot ratio affect mounting distance?
- ⤷ Can this sensor be used with a standard PID controller?
- ⤷ What is the emissivity setting for the ES1CL-CA2-R?