Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • EM341-RTR

  • AI
    The **EM341-RTR** is a specialized Zigbee router module typically used in industrial and smart building automation. It is based on the Silicon Labs Ember platform, designed to extend the range of a Zigbee network and provide robust connectivity for end devices. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Architecture The heart of the EM341-RTR is the **Ember EM341 System-on-Chip (SoC)**. | Component | Description | | :--- | :--- | | **Microcontroller** | 32-bit ARM® Cortex®-M3 processor. | | **Flash Memory** | 128 KB (Stores the Zigbee stack and application code). | | **RAM** | 12-bit Integrated RAM for data buffering. | | **Clock Speed** | Up to 24 MHz. | --- ## 2. Radio Frequency (RF) Characteristics As a **Router (RTR)** device, its primary function is to maintain network mesh stability and forward packets. * **Frequency Band:** 2.4 GHz ISM Band. * **Protocol:** IEEE 802.15.4 compliant (Zigbee Pro). * **Receiver Sensitivity:** Approximately -100 dBm (allows for long-range reception). * **Transmit Power:** Integrated power amplifier, typically adjustable up to +8 dBm (boost mode). * **Antenna Interface:** Usually features an integrated PCB trace antenna or a U.FL connector for external antennas. --- ## 3. Peripheral Interfaces The EM341-RTR provides several I/O options for interfacing with sensors or external controllers: ### Communication Ports * **UART:** For serial communication with a host processor. * **SPI/I2C:** Used for connecting to external sensors or EEPROM. * **Debug Interface:** Serial Wire (SW) or JTAG for programming and real-time debugging. ### Analog & Digital I/O * **GPIOs:** Multiple General Purpose Input/Output pins. * **ADC:** 12-bit Analog-to-Digital Converter for reading voltage levels from analog sensors. * **Timers:** Integrated hardware timers for PWM or pulse counting. --- ## 4. Power Management The module is designed for efficiency, although as a router, it is intended to be **always-on** (mains powered) rather than sleep-mode dependent like an end-device. * **Operating Voltage:** Typically **2.1V to 3.6V DC**. * **Active Current (RX):** ~25 mA. * **Active Current (TX):** ~30-45 mA (depending on output power). * **Deep Sleep Current:** < 2 µA (used if the device is reconfigured as a non-routing end device). --- ## 5. Typical Application Circuit When integrating the EM341-RTR, the following external electronic components are usually required: ```mermaid graph LR A[Power Supply 3.3V] --> B[EM341-RTR Module] C[Reset Circuit] --> B B --> D[External Antenna/Matching Network] B <-> E[Host MCU via UART] B <-> F[Status LEDs/GPIO] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the EM341-RTR and the EM357 series?
    • ⤷ How do you configure the EM341-RTR for high-power boost mode?
    • ⤷ Can the EM341-RTR be used as a Zigbee Coordinator instead of a Router?