Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ECM32T-R27

  • AI
    ## Overview of the ECM32T-R27 The **ECM32T-R27** is a specialized electronic component, typically categorized as a **Wire-wound Surface Mount Device (SMD) Inductor** (specifically a Common Mode Choke or a Power Inductor depending on the specific manufacturer series, though most commonly associated with noise filtering). Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. Technical Specifications These values are representative of the standard "32T" series (3.2mm x 2.5mm) with an "R27" rating. | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.27 µH | "R27" denotes 0.27 (R is the decimal) | | **Tolerance** | ±20% (Typical) | Standard for power/filter inductors | | **Case Size** | 1210 (Imperial) / 3225 (Metric) | 3.2mm x 2.5mm x 2.2mm | | **Mounting Type** | SMD/SMT | Surface Mount Technology | | **Core Material** | Ferrite | High permeability for noise suppression | --- ### 2. Key Electronic Parts & Construction The device is composed of three primary physical and electronic segments: * **The Ferrite Core:** The "body" of the component. It uses a ceramic-ferrite composite designed to concentrate the magnetic field. This provides the necessary inductance while keeping the physical footprint small. * **Wire Winding:** A copper wire (usually enameled) is wound around the core. The number of turns and the thickness of the wire determine the **R27 (0.27 µH)** inductance value and the current carrying capacity. * **Terminations (Electrodes):** The ends of the wire are bonded to metallic pads (usually Tin/Silver/Copper plated). These allow the part to be soldered onto a Printed Circuit Board (PCB). --- ### 3. Electronic Behavior #### A. Low DC Resistance (DCR) Because the inductance is low (0.27 µH), the length of the wire inside is relatively short. This results in very low resistance to direct current, minimizing heat generation and power loss. #### B. High Self-Resonant Frequency (SRF) In high-frequency circuits, this part acts as a high-impedance barrier to noise while letting desired signals pass. The "R27" value is often chosen for high-speed signal integrity. --- ### 4. Common Applications 1. **DC-DC Converters:** Used as an output filter to smooth out voltage ripples. 2. **EMI Suppression:** Often found in USB lines, HDMI ports, or power supply inputs to prevent Electromagnetic Interference (EMI). 3. **RF Circuits:** Used in matching networks or as a high-frequency choke to isolate different stages of a radio frequency circuit. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Imax) for the ECM32T-R27?
    • ⤷ How does the 'R27' naming convention differ from '270' in electronic labeling?
    • ⤷ Is the ECM32T-R27 suitable for high-temperature automotive environments?