Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • E3F2-R2C4-P1

  • AI
    ## Technical Overview: Omron E3F2-R2C4-P1 The **E3F2-R2C4-P1** is a high-performance photoelectric sensor manufactured by Omron. It belongs to the E3F2 series, which is characterized by its cylindrical M18 housing and built-in amplifier. ### 1. Key Specifications The following table summarizes the primary electrical and physical characteristics of this specific model: | Feature | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective (Requires a reflector) | | **Sensing Distance** | 0.1 to 2 Meters | | **Output Type** | NPN (Open Collector) | | **Operation Mode** | Light-ON / Dark-ON (Selectable via wiring) | | **Power Supply** | 10 to 30 VDC | | **Connection Type** | M12 Connector (4-pin) | | **Housing Material** | Plastic (PBT) | | **Enclosure Rating** | IP67 / IP69K | --- ### 2. Electronic Component Breakdown #### A. Sensing Mechanism (Retro-reflective) Unlike "Through-beam" sensors that require a separate emitter and receiver, the E3F2-R2C4-P1 houses both the light-emitting element (Infrared LED) and the receiving element (Photodiode) in a single unit. - The beam travels to a **corner-cube reflector** and returns to the sensor. - An object is detected when it breaks this reflected beam. #### B. NPN Output Circuit The "C4" in the model name indicates an **NPN output**. In an NPN configuration: - The sensor acts as a switch to the **Negative (0V)** rail. - When the sensor is triggered, it connects the output load to the ground. - A pull-up resistor is often required if connecting to high-impedance logic inputs. #### C. Wiring Configuration (M12 Connector) The "P1" suffix indicates a standard M12 plug-in connector. The typical pinout for this NPN sensor is: | Pin Number | Color | Function | | :--- | :--- | :--- | | **1** | Brown | +VCC (10-30 VDC) | | **2** | White | L-ON / D-ON Control | | **3** | Blue | 0V (Ground) | | **4** | Black | Output (NPN) | --- ### 3. Usage Considerations * **Polarization:** This model typically includes a polarizing filter, allowing it to detect shiny or mirror-like objects without false triggering. * **Response Time:** It features a fast response time (typically 1ms or less), making it suitable for high-speed production lines. * **Circuit Protection:** It includes built-in protection against reverse polarity, output short-circuits, and mutual interference.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP outputs in industrial sensors?
    • ⤷ How do I wire this sensor to a PLC with a Sinking input?
    • ⤷ Which specific Omron reflector is recommended for the E3F2-R2C4-P1?