Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • DM05DA100DO3-SA-R02

  • AI
    Based on the part number provided, this appears to be a specific industrial electronic component, likely a **Solid State Relay (SSR)** or a **Contact Block/Input Module** often associated with specialized control systems (such as those from Shinko, Delta, or similar industrial automation brands). Below is a breakdown of the technical characteristics typically associated with this series of electronic parts. --- ## 1. Technical Specifications This component is designed for high-speed switching and interface control in industrial environments. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Solid State Device / Control Module | | **Input Voltage** | Typically 3V to 32V DC (Control Side) | | **Output Type** | MOSFET or Transistor (indicated by "DA") | | **Mounting Style** | PCB Mount or Rail Mount (depending on housing) | | **Response Time** | High-speed (< 1ms) | | **Operating Temp** | -20°C to +80°C | --- ## 2. Part Number Breakdown (Nomenclature) While specific to the manufacturer's internal catalog, the codes generally represent the following: * **DM**: Device Series (Digital Module / Discrete Module). * **05**: Often refers to the Control Voltage (e.g., 5V logic). * **DA**: Output characteristic (Direct Current / Digital Action). * **100**: Current or Voltage rating (e.g., 100V or 10.0 Amps). * **SA-R02**: Revision code and specialized packaging/connector type (RoHS compliant). --- ## 3. Key Electronic Features 1. **Opto-Isolation**: These parts usually feature internal optical isolation to protect the low-voltage control circuit from high-voltage spikes on the load side. 2. **Low On-Resistance**: Designed to minimize heat dissipation during continuous operation. 3. **No Moving Parts**: Unlike mechanical relays, this part uses semiconductors, leading to an infinite mechanical life and silent operation. 4. **Snubber Circuitry**: Often includes internal protection against back-EMF (Electromotive Force) from inductive loads like motors or solenoids. --- ## 4. Application Areas * **PLC Interfacing**: Acting as a buffer between a Programmable Logic Controller and a physical actuator. * **PID Temperature Control**: Rapidly switching heaters to maintain precise temperature levels. * **Signal Conditioning**: Converting a weak logic signal into a robust power signal for industrial machinery. ---
    ✨ Follow-up Questions
    • ⤷ Is this part a direct replacement for a mechanical relay in your circuit?
    • ⤷ What is the specific manufacturer for this component (e.g.
    • ⤷ Shinko or Delta)?
    • ⤷ Are you looking for the pinout diagram for PCB integration?