DFP201610TV-R68M
AI

The **DFP201610TV-R68M** is a high-performance, miniature metal alloy inductor commonly used in power management circuits. It is designed for high-density applications where space is limited and efficiency is critical.
---
### 1. Key Technical Specifications
The part number provides specific details about its physical and electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Size** | 2016 (2.0mm x 1.6mm) |
| **Height** | 1.0 mm (Max) |
| **DC Resistance (DCR)** | Typ: 35 mΩ / Max: 42 mΩ |
| **Rated Current (Isat)** | ~4.1 A (Saturation Current) |
| **Rated Current (Itemp)** | ~3.3 A (Temperature Rise Current) |
---
### 2. Composition and Design
The DFP series utilizes a **metal alloy core** rather than traditional ferrite. This provides several advantages:
* **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply when exceeding current limits, metal alloy cores saturate "softly," meaning the inductance decreases gradually.
* **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components.
* **Low Profile:** The "201610" designation confirms a footprint of 2.0mm x 1.6mm with a very low height of 1.0mm, making it ideal for mobile devices.
---
### 3. Common Applications
These inductors are typically found in DC-DC converter circuits (Buck/Boost converters) for the following devices:
1. **Smartphones & Tablets:** Powering CPU/GPU rails where high current and small size are required.
2. **Wearables:** Optimized for smartwatches and IoT sensors where PCB real estate is at a premium.
3. **SSD/Storage:** Voltage regulation for high-speed data components.
---
### 4. Part Number Breakdown
The nomenclature generally follows this logic:
| Code Segment | Meaning |
| :--- | :--- |
| **DFP** | Series name (Molded Power Inductor) |
| **201610** | Dimensions (2.0 x 1.6 x 1.0 mm) |
| **TV** | Internal characteristic/packaging code |
| **R68** | Inductance value (R68 = 0.68 µH) |
| **M** | Tolerance (M = ±20%) |
- ⤷
How does 'soft saturation' in metal alloy inductors compare to ferrite inductors?
- ⤷ What are the thermal considerations when running this inductor at its maximum rated current?
- ⤷ What are the primary competitors or alternatives to the DFP series for power management?