DFP201610TV-R33M
AI

The **DFP201610TV-R33M** is a high-performance, metal alloy core surface-mount inductor (SMD), typically manufactured by companies like Cyntec or Toko (Murata). It is designed primarily for power management circuits where space is limited and high current handling is required.
### 1. Part Number Deciphering
Understanding the nomenclature helps identify the physical and electrical constraints of the component:
| Component Segment | Meaning | Details |
| :--- | :--- | :--- |
| **DFP** | Series Name | Metal alloy inductor series (low profile/high current). |
| **2016** | Dimensions (Metric) | 2.0 mm x 1.6 mm footprint. |
| **10** | Height | 1.0 mm maximum thickness. |
| **TV** | Internal Code | Specific process or material characteristic (AEC-Q200 qualified variants often use similar suffixes). |
| **R33** | Inductance Value | **0.33 µH** (R denotes the decimal point). |
| **M** | Tolerance | **±20%** tolerance. |
---
### 2. Key Electrical Specifications
Based on standard data for the 0.33µH variant in the 201610 package:
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **DC Resistance (DCR)** | ~18 - 22 mΩ (Max) |
| **Saturation Current (Isat)** | ~5.5 A to 6.5 A (based on 30% drop in L) |
| **Temperature Rise Current (Irms)** | ~4.0 A to 4.5 A (based on 40°C rise) |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Core Technology and Features
The "Metal Alloy" construction provides several advantages over traditional ferrite inductors:
* **Soft Saturation:** Unlike ferrite cores that lose inductance abruptly when current limits are exceeded, metal alloy cores have a "soft" saturation curve. This prevents sudden spikes in circuit current.
* **High Current Density:** The composite metal powder allows for a higher magnetic flux density, enabling high current ratings in a tiny 2016 (0806 inch) footprint.
* **Magnetic Shielding:** The molded construction naturally acts as a magnetic shield, reducing Electromagnetic Interference (EMI) with neighboring components.
* **Low DCR:** Efficient winding and material selection minimize power loss through heat.
---
### 4. Typical Applications
This inductor is commonly found in DC-DC converter circuits (Buck/Boost) for:
1. **Smartphones and Tablets:** Core power supply for CPUs and GPUs.
2. **SSD/Storage:** Power rails for high-speed controllers.
3. **Wearables:** Compact power management modules.
4. **IoT Devices:** Where high efficiency and small form factors are critical.
---
- ⤷What is the difference between Isat and Irms for this inductor?
- ⤷ How does the 'soft saturation' of metal alloy cores benefit a buck converter?
- ⤷ Are there AEC-Q200 versions of the DFP201610 series for automotive use?