Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • DFE201610E-R24M

  • AI
    The **DFE201610E-R24M** is a high-performance, miniature power inductor manufactured by **Murata Electronics**. It is part of the DFE series, which utilizes metal alloy magnetic materials to achieve high current capabilities in a small footprint. --- ### 1. General Specifications The technical parameters of this component are optimized for high-frequency DC-DC converters in portable electronics. | Parameter | Value | | :--- | :--- | | **Inductance** | 0.24 µH | | **Tolerance** | ±20% | | **DC Resistance (Max)** | 16 mΩ | | **Rated Current (Isat)** | 7.0 A (Based on Inductance change) | | **Rated Current (Itemp)** | 5.3 A (Based on Temperature rise) | | **Operating Temp Range** | -40°C to +125°C | | **Size Code** | 2016 (Metric) / 0806 (Inch) | --- ### 2. Key Features and Construction * **Metal Alloy Core:** Unlike traditional ferrite inductors, this part uses a metal powder core. This allows for **Soft Saturation** characteristics, meaning the inductance drops gradually as current increases rather than dropping abruptly. * **Magnetic Shielding:** The structure is magnetically shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB. * **Miniature Profile:** The "201610" designation refers to its physical dimensions: * **Length:** 2.0 mm * **Width:** 1.6 mm * **Height:** 1.0 mm (Max) * **High Current Density:** Despite its small size, it can handle a saturation current (Isat) of up to 7.0A, making it ideal for CPU/GPU power rails. --- ### 3. Application Use Cases This specific inductor is commonly found in the following circuits: 1. **Smartphones & Tablets:** Used in the PMIC (Power Management IC) circuits for core voltage regulation. 2. **Wearable Devices:** Ideal for compact designs requiring high efficiency in a limited space. 3. **DC-DC Converters:** Specifically for point-of-load (POL) modules where high switching frequencies are used. --- ### 4. Part Number Breakdown Understanding the Murata nomenclature: | Code | Meaning | | :--- | :--- | | **DFE** | Series Name (Metal Alloy Inductor) | | **201610** | Dimensions (2.0 x 1.6 x 1.0 mm) | | **E** | Individual Specification Code | | **R24** | Inductance Value (R24 = 0.24 µH) | | **M** | Tolerance (M = ±20%) |
    ✨ Follow-up Questions
    • How does the saturation current (Isat) differ from the temperature rise current (Itemp) for this inductor?
    • What are the advantages of using metal alloy cores over traditional ferrite cores in DC-DC converters?
    • What is the recommended solder pad layout for a 2016 metric package?