DBCUSB2AB1M
AI

### Product Overview: DBCUSB2AB1M
The **DBCUSB2AB1M** is a high-performance USB 2.0 cable commonly used in industrial, commercial, and professional audio/visual environments. It is specifically a **USB Type-A to Type-B** cable, typically measuring **1 meter** in length.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector A** | USB 2.0 Type-A (Male) |
| **Connector B** | USB 2.0 Type-B (Male) |
| **Length** | 1.0 Meter (approx. 3.3 ft) |
| **Data Transfer Rate** | Up to 480 Mbps |
| **Jacket Material** | High-quality PVC or TPE (Environmental) |
| **Shielding** | Dual-layer (Foil + Braid) for EMI/RFI protection |
| **Conductor Material** | Oxygen-Free Copper (OFC) |
---
### Electronic and Mechanical Components
#### 1. Internal Wiring (Conductors)
The cable consists of four main wires, typically color-coded to meet USB standards:
* **VCC (Red):** Carries +5V DC power.
* **GND (Black):** Ground wire for the circuit.
* **Data+ (Green):** Differential positive data signal.
* **Data- (White):** Differential negative data signal.
#### 2. Signal Integrity Features
* **Twisted Pair Construction:** The data lines (D+ and D-) are twisted together to minimize **crosstalk** and electromagnetic interference (EMI).
* **Shielding:** To prevent signal degradation in noisy environments (near power supplies or motors), the cable uses aluminum mylar foil and a tinned copper braid.
#### 3. Connectors
* **Plating:** The connectors are often nickel or gold-plated to prevent oxidation and ensure a low-resistance connection.
* **Strain Relief:** The molded boots at the ends prevent the internal solder joints from breaking when the cable is bent.
---
### Common Applications
The Type-A to Type-B configuration is the standard for connecting a computer (Host) to various peripheral devices:
* **Office Equipment:** Printers and scanners.
* **Audio Gear:** USB DACs, MIDI controllers, and audio interfaces.
* **Industrial:** PLCs (Programmable Logic Controllers) and CNC machine interfaces.
* **External Storage:** Older external hard drive enclosures.
---
### Wiring Diagram Representation
```text
Host (Type-A) Peripheral (Type-B)
[ Pin 1 ] ---------- (+5V) ----------- [ Pin 1 ]
[ Pin 2 ] ---------- (D-) ----------- [ Pin 2 ]
[ Pin 3 ] ---------- (D+) ----------- [ Pin 3 ]
[ Pin 4 ] ---------- (GND) ----------- [ Pin 4 ]
Shell ------- (Shield) ---------- Shell
```
- ⤷
What is the maximum current capacity for this cable's power delivery?
- ⤷ How does the shielding in this cable compare to standard consumer USB cables?
- ⤷ Is there a longer version of this specific model available for industrial use?