Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • D459-R1ML

  • AI
    The **D459-R1ML** is a specialized high-performance electromechanical component, commonly associated with **Omron** or industrial automation suppliers. It typically refers to a sub-miniature basic switch (microswitch) assembly used in precision applications. --- ### 1. Key Technical Specifications Below are the typical electronic and physical parameters for this series: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Sub-miniature Snap Action | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Current Rating** | Typically 0.1A to 5A (depending on voltage) | | **Voltage Rating** | 125V AC / 250V AC | | **Actuator Type** | Long Hinge Lever | | **Termination Style** | Solder Terminals / PCB Pins | | **Operating Force** | Low Force (High Sensitivity) | --- ### 2. Internal Electronic Components The "electronic" nature of this part is defined by its internal contact mechanism: * **Contact Material:** Usually Silver alloy or Gold-plated (for low-current "dry circuit" logic switching). Gold plating prevents oxidation, ensuring signal integrity. * **Snap-Action Spring:** A beryllium copper or stainless steel leaf spring that ensures a rapid transition between contacts, minimizing "arcing" and electrical noise. * **Housing:** Thermoplastic (PBT or PET) which provides high dielectric strength to prevent electrical leakage between terminals. --- ### 3. Functional Pinout (SPDT Configuration) The device generally features three electrical connection points: 1. **COM (Common):** The input terminal where the source current enters. 2. **NC (Normally Closed):** The path is active when the lever is at rest. 3. **NO (Normally Open):** The path becomes active only when the lever is depressed. --- ### 4. Applications Due to its precision and reliability, the D459-R1ML is used in: * **Industrial Sensors:** Detecting the position of mechanical arms. * **Medical Equipment:** Monitoring door latches or fluid levels. * **Consumer Electronics:** Reset buttons or interlock safety switches. * **Automotive:** Gear shifter position detection. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum mechanical lifespan of the D459 series?
    • ⤷ How does gold plating affect the electrical performance in low-voltage circuits?
    • ⤷ What is the difference between SPDT and SPST switch configurations?