CTX33-3-R
AI

The **CTX33-3-R** is a high-performance, surface-mount (SMT) power inductor/transformer belonging to the **OCTA-PAC** series, manufactured by Eaton (formerly Cooper Bussmann/Coiltronics).
### 1. Technical Specifications
The CTX33-3-R is characterized by its "dual-winding" design, which allows it to be used in various circuit configurations.
| Parameter | Specification |
| :--- | :--- |
| **Inductance (Parallel)** | 32.2 µH |
| **Inductance (Series)** | 128.8 µH |
| **DC Resistance (DCR)** | 0.165 Ω (Parallel) / 0.660 Ω (Series) |
| **Current Rating (Isat)** | ~1.60 A (Parallel) |
| **Mounting Type** | Surface Mount (SMT) |
| **Dimensions** | Approx. 11.43mm x 11.43mm |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Core Functional Features
* **Dual Winding Versatility:** It contains two identical windings. Depending on how you connect the pins, it can act as:
* **Single Inductor:** High current (Parallel) or High Inductance (Series).
* **1:1 Transformer:** For isolation or voltage transformation.
* **Common Mode Choke:** For EMI filtering.
* **Toroidal Core:** Uses a powdered iron toroidal core, which offers low magnetic radiation (self-shielding) and high efficiency.
* **Construction:** The "33" in the part number refers to the specific core size/type, and the "-3" refers to the performance range/inductance value within that size.
---
### 3. Common Applications
The CTX33-3-R is widely used in power management circuits where space and efficiency are critical:
1. **DC-DC Converters:** Used in Buck, Boost, and SEPIC topologies.
2. **EMI Filtering:** Acting as a common mode choke to reduce noise in power lines.
3. **Isolation:** Providing electrical isolation between two circuits in low-power signal or power transfer.
4. **Energy Storage:** Storing energy in switching power supplies.
---
### 4. Connection Diagram Example
Because it is a dual-winding component, the pinout determines the behavior:
```text
Parallel Connection (High Current) Series Connection (High Inductance)
1 o-------+-------o 3 1 o-------o 3
| |
L L
| |
2 o-------+-------o 4 2 o-------o 4
(Connect 2 to 3)
```
- ⤷
What is the difference between the OCTA-PAC and OCTA-PAC PLUS series?
- ⤷ How do I calculate the saturation current when using the windings in series?
- ⤷ Are there recommended alternative parts with higher current ratings in the same footprint?