CTX33-1P-R
AI

## CTX33-1P-R: Product Overview
The **CTX33-1P-R** is a high-performance, surface-mount (SMD) power inductor/transformer belonging to the **OCTA-PAC®** series manufactured by **Eaton (formerly Coiltronics)**. It is characterized by its dual-winding design, which allows it to be used in various circuit configurations.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance (Parallel)** | 32.8 µH |
| **Inductance (Series)** | 131.2 µH |
| **Current Rating (Parallel)** | ~1.31 A |
| **DC Resistance (DCR)** | 0.115 Ω (Parallel) |
| **Package Type** | SMD (Surface Mount) |
| **Core Material** | Powder Iron |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Features
The CTX33-1P-R is unique because it features **two identical windings**. This offers three primary modes of operation:
* **Parallel Connection:** Connect the windings in parallel to increase the current-carrying capacity while maintaining a lower inductance.
* **Series Connection:** Connect the windings in series to quadruple the inductance (as $L_{total} = L1 + L2 + 2M$).
* **Transformer/Coupled Mode:** Use it as a 1:1 isolation transformer or a coupled inductor for SEPIC or Flyback topologies.
---
### 3. Typical Applications
The versatility of the OCTA-PAC® series makes the CTX33-1P-R suitable for:
1. **DC-DC Converters:** Buck, Boost, and Forward converters.
2. **SEPIC Converters:** Utilizing the coupled windings for energy transfer.
3. **EMI Filtering:** Used as a common-mode choke to filter high-frequency noise.
4. **Isolation:** Providing 1:1 signal or power isolation in low-power circuits.
---
### 4. Part Number Breakdown
```text
CTX 33 - 1 P - R
| | | | |
| | | | └── RoHS Compliant
| | | └── Package Size (P = OCTA-PAC)
| | └── Power Rating/Inductance Code
| └── Inductance Value (approximate)
└── Series Name (Coiltronics)
```
- ⤷
What is the difference between CTX33-1P-R and the OCTA-PAC PLUS series?
- ⤷ How do I calculate the saturation current for this part in a series configuration?
- ⤷ Can this component be used as a common-mode choke?