CTX110609-R
AI

## CTX110609-R: Technical Overview
The **CTX110609-R** is a specialized electronic component primarily categorized as a **Surface Mount (SMT) Inductor/Transformer**, typically designed for high-frequency DC-DC conversion applications. It is often associated with the **Eaton (formerly Coiltronics)** OCTA-PAC® or specialized inductor series.
---
### 1. Key Specifications
Below are the typical technical parameters for this part:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | SMT Power Inductor / Multi-winding Transformer |
| **Inductance** | Varies based on series (typically 10µH to 100µH range) |
| **Current Rating** | High-current capable (up to several Amps) |
| **Configuration** | Toroidal Core / Dual Winding |
| **Mounting Type** | Surface Mount (SMD) |
| **RoHS Compliance** | Yes (indicated by the "-R" suffix) |
---
### 2. Physical and Structural Parts
The device is composed of several critical sub-components that define its performance:
1. **Magnetic Core:** Usually a **powdered iron** or **ferrite** toroidal core. Toroidal shapes are preferred for low Electromagnetic Interference (EMI) because the magnetic field is contained within the ring.
2. **Windings:** High-quality copper wire wrapped around the core. The CTX series often features **dual windings**, allowing it to be used as an inductor, a 1:1 transformer, or coupled inductors.
3. **Base/Header:** A high-temperature plastic base that secures the leads and allows the component to be placed by automated Pick-and-Place machines.
4. **Terminations:** Solder-plated leads (lead-free for the -R version) designed for robust connection to the PCB.
---
### 3. Functional Applications
The CTX110609-R is commonly integrated into the following circuits:
* **SEPIC Converters:** Utilizing the dual-winding nature to manage voltage step-up and step-down.
* **Flyback Transformers:** Providing galvanic isolation between input and output in low-power supplies.
* **Common Mode Chokes:** Filtering out high-frequency noise in power lines.
* **Energy Storage:** Acts as the primary energy storage element in switching regulators.
---
### 4. Part Number Breakdown
* **CTX:** Brand prefix (Coiltronics/Eaton).
* **110609:** Specific design/size code identifying the core geometry and electrical characteristics.
* **-R:** Indicates **RoHS compliance** (lead-free).
---
- ⤷
What are the specific inductance and current ratings for the CTX110609-R?
- ⤷ Can this component be used in a series or parallel configuration for different power needs?
- ⤷ What are the recommended soldering profiles for the -R suffix version?