Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • CTSFW7030F-R13M

  • AI
    ## Technical Overview of CTSFW7030F-R13M The **CTSFW7030F-R13M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-efficiency power supplies. It belongs to a category of "molded" inductors known for their low acoustic noise and excellent magnetic shielding. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CTSFW** | Series Name | High-current molded power inductor series | | **7030** | Case Size | Approx. 7.0mm x 7.0mm footprint, 3.0mm height | | **F** | Lead-Free | Compliant with RoHS standards | | **R13** | Inductance Value | **0.13 µH** (R denotes decimal point) | | **M** | Tolerance | ±20% | --- ### 2. Key Specifications These values are typical for the 0.13µH variant in the 7030 frame size: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.13 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR) Max** | ~1.5 mΩ to 2.5 mΩ (Very Low) | | **Saturation Current (Isat)** | ~30A - 40A (Typical) | | **Temperature Rise Current (Irms)** | ~20A - 25A (Typical) | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Core Features and Materials * **Molded Construction:** The coil is embedded in a metallic powder composite. This design minimizes "buzz" noise caused by magnetostriction and provides a self-shielded structure that reduces Electromagnetic Interference (EMI). * **Soft Saturation:** Unlike ferrite core inductors that lose inductance sharply when current limits are exceeded, this part has a "soft" saturation curve, making the circuit more stable during current spikes. * **Low DCR:** The use of flat or heavy-gauge copper wire inside results in extremely low resistance, which reduces heat and improves energy efficiency. --- ### 4. Common Applications Due to its high current handling and small footprint, the CTSFW7030F-R13M is used in: * **Voltage Regulator Modules (VRM):** Specifically for CPUs and GPUs. * **Point of Load (POL) Converters:** Converting higher bus voltages to low voltages for digital ICs. * **High-frequency Switching Power Supplies:** Operating in the 500kHz to 5MHz range. * **Battery Powered Devices:** Where high efficiency is critical for battery life. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts from manufacturers like Vishay or Coilcraft?
    • ⤷ How does the 'soft saturation' characteristic affect the design of a buck converter?
    • ⤷ What is the specific footprint/land pattern recommended for the 7030 package size?