CTMPH100805F-R33M
AI

The **CTMPH100805F-R33M** is a high-performance **surface-mount (SMD) power inductor** manufactured by Central Technologies. It belongs to the CTMPH series, which utilizes molded power technology to provide high current density and low magnetic interference.
---
### 1. Technical Specifications
The following table outlines the key electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **Tolerance** | ±20% (M) |
| **DCR (Direct Current Resistance)** | 3.5 mΩ (Max) |
| **Isat (Saturation Current)** | 23.0 A |
| **Irms (Rated Current)** | 16.0 A |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions (LxWxH)** | 2.5 x 2.0 x 1.2 mm (Approx. 1008 case) |
| **Construction** | Shielded, Molded Iron Powder Core |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps in identifying variants within the same family:
* **CTMPH**: Series code (Central Technologies Molded Power High-current).
* **100805**: Physical dimensions (approx. 0.10 x 0.08 inches, with a height of 0.05 inches).
* **F**: RoHS compliant / Lead-free.
* **R33**: Inductance value (R33 = 0.33 µH).
* **M**: Inductance tolerance (M = ±20%).
---
### 3. Key Features & Advantages
* **High Current Handling:** Due to the metal powder core, it can handle high saturation currents without a sharp drop in inductance.
* **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components.
* **Low Profile:** The "05" height designation indicates a very thin profile, making it ideal for compact mobile electronics.
* **Low DCR:** Minimizes power loss (heat) during operation, increasing overall power supply efficiency.
---
### 4. Common Applications
These inductors are typically found in high-efficiency power regulation circuits, including:
1. **DC-DC Converters:** Used in "Buck" (step-down) converters for smartphones and tablets.
2. **GPU/CPU Power Supply:** Providing stable current to high-speed processors.
3. **IoT Devices:** Where space is limited and battery efficiency is critical.
4. **SSD Drives:** Managing power rails in high-speed storage devices.
- ⤷
What is the difference between Isat and Irms in this inductor?
- ⤷ Are there automotive-grade (AEC-Q200) versions of this series?
- ⤷ How does the molded iron powder core compare to a traditional ferrite core?