CTML0603F-R10M
AI

The **CTML0603F-R10M** is a high-frequency multilayer chip inductor. It is designed for use in compact electronic circuits where space is limited and surface-mount technology (SMT) is required.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CTML** | Series | Multilayer Chip Inductor Series |
| **0603** | Case Size | Imperial size 0603 (approx. 1.6mm x 0.8mm) |
| **F** | Lead-Free | RoHS Compliant/Lead-Free termination |
| **R10** | Inductance | 0.10 µH (Microhenries) |
| **M** | Tolerance | ±20% |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer (commonly Central Technologies), the standard specifications for this part are:
* **Inductance:** 0.10 µH
* **Tolerance:** ±20%
* **Test Frequency:** Typically 25 MHz
* **DC Resistance (DCR):** Low resistance (usually < 0.30 Ω) to minimize power loss.
* **Rated Current:** Usually ranges between 200mA to 300mA.
* **Self-Resonant Frequency (SRF):** High frequency (typically > 200 MHz), making it suitable for RF applications.
* **Operating Temperature:** -55°C to +125°C.
---
### 3. Construction and Features
* **Multilayer Technology:** Unlike wire-wound inductors, these are created by layering ceramic material and conductive paste. This results in a solid, monolithic structure.
* **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and electromagnetic interference (EMI) with surrounding components.
* **High Reliability:** Excellent solderability and heat resistance for reflow soldering processes.
---
### 4. Typical Applications
The CTML0603F-R10M is commonly found in:
1. **Mobile Devices:** Cell phones, tablets, and wearable tech.
2. **High-Frequency Communication:** Local Area Networks (LANs) and RF modules.
3. **EMI Suppression:** Filtering high-frequency noise in power supply lines.
4. **Impedance Matching:** Used in the signal paths of wireless transceivers.
---
- ⤷What is the difference between a multilayer inductor and a wire-wound inductor?
- ⤷ How do I interpret the 'R' in the inductance code R10?
- ⤷ What are the physical dimensions of an 0603 metric vs imperial package?