Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • CTC2F-R33J

  • AI
    The **CTC2F-R33J** is a specific model of a **Fixed Inductor** (Choke) manufactured by companies like Central Technologies. It belongs to the axial-leaded, conformal coated inductor family, commonly used for filtering and RF applications. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's exact specifications: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CTC2F** | Series | Conformal Coated Axial Inductor | | **R33** | Inductance Value | 0.33 Microhenries ($\mu H$) | | **J** | Tolerance | $\pm 5\%$ | --- ### 2. Technical Specifications Below are the typical electrical characteristics for this specific part: | Parameter | Value | | :--- | :--- | | **Inductance** | $0.33 \mu H$ | | **Tolerance** | $\pm 5\%$ | | **Quality Factor (Q Min)** | 45 | | **Test Frequency** | 25.2 MHz | | **Self-Resonant Frequency (SRF)** | 350 MHz (Minimum) | | **DC Resistance (DCR Max)** | 0.14 Ohms | | **Rated DC Current (I_{dc})** | 1000 mA (1.0A) | --- ### 3. Physical & Material Features * **Package Type:** Axial-leaded (through-hole). * **Coating:** Epoxy resin (Conformal coated) which provides moisture resistance and electrical insulation. * **Core Material:** Usually Phenolic or Ferrite, depending on the specific frequency optimization (at $0.33 \mu H$, it is often a non-magnetic or phenolic core to handle higher frequencies). * **Color Coding:** Uses standard color bands to denote value and tolerance (Orange-Orange-Silver-Gold). --- ### 4. Common Applications Due to its low inductance and high self-resonant frequency, the CTC2F-R33J is typically used in: 1. **RF Coupling/Decoupling:** Blocking high-frequency noise in radio circuits. 2. **Signal Filtering:** Used in low-pass or band-pass filters for telecommunications. 3. **Power Supply Decoupling:** Preventing high-frequency ripples from reaching sensitive components. 4. **Oscillators:** Providing stable inductance for LC timing circuits. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a phenolic core and a ferrite core inductor?
    • ⤷ How do I read the color bands for a 0.33uH inductor?
    • ⤷ Can this inductor be used in high-temperature automotive environments?