Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • CT0805HT-R62K

  • AI
    The **CT0805HT-R62K** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It is commonly used in RF (Radio Frequency) circuits where high precision and high quality factor (Q) are required. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's core specifications: | Segment | Meaning | Value | | :--- | :--- | :--- | | **CT** | Series Identifier | Ceramic Core Chip Inductor | | **0805** | Case Size | 0.08 x 0.05 inches (2.0 x 1.25 mm) | | **HT** | Type | High-Temperature / High-Frequency | | **R62** | Inductance Value | 0.62 µH (620 nH) | | **K** | Tolerance | ±10% | --- ### 2. Technical Specifications Below are the typical electrical characteristics for this specific part: | Parameter | Specification | | :--- | :--- | | **Inductance** | 620 nH (0.62 µH) | | **Tolerance** | ±10% | | **Quality Factor (Q) Min** | 45 (at 100 MHz) | | **Self-Resonant Frequency (SRF)** | ~375 MHz | | **DC Resistance (DCR) Max** | 1.90 Ohms | | **Rated Current (Max)** | 200 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Construction Features * **Ceramic Core:** Unlike ferrite cores, ceramic cores provide excellent thermal stability and a high Self-Resonant Frequency (SRF), making them ideal for high-frequency applications. * **Wire-Wound Design:** The copper wire is wound around the ceramic body, which allows for much higher Q-factors and lower DCR compared to multilayer inductors. * **Termination:** Usually features gold or tin-plated end caps for reliable soldering on PCBs. --- ### 4. Common Applications Due to its high Q and stable inductance at high frequencies, the CT0805HT-R62K is typically found in: * **RF Tuning Circuits:** Used in oscillators and impedance matching networks. * **Wireless Communication:** Integrated into Wi-Fi modules, Bluetooth devices, and cellular base stations. * **Filters:** Used in Band-Pass, Low-Pass, and High-Pass filters to eliminate noise or select specific signal frequencies. * **Signal Conditioning:** Decoupling and EMI suppression in high-speed data lines.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q-factor affect the performance of an RF circuit?
    • ⤷ Are there alternative tolerances available for the CT0805HT series?