Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • CT0603CSF-R33K

  • AI
    The **CT0603CSF-R33K** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are commonly used in RF (Radio Frequency) circuits due to their high performance in filtering and resonance applications. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (typically Central Technologies or similar brands). | Parameter | Specification | | :--- | :--- | | **Inductance** | 330 nH (0.33 µH) | | **Tolerance** | ±10% (K) | | **Case Size** | 0603 (1.6mm x 0.8mm) | | **Material** | Ceramic Core / Wire-Wound | | **DC Resistance (Max)** | 1.05 Ω | | **Rated Current (Max)** | 310 mA | | **Self-Resonant Frequency (Min)** | 600 MHz | | **Quality Factor (Q Min)** | 35 @ 100 MHz | --- ### 2. Part Number Breakdown Understanding the code helps in identifying variations of the component: * **CT**: Brand Prefix (e.g., Central Technologies). * **0603**: Package size (0.06 x 0.03 inches). * **CSF**: Series code (Ceramic Solderable Face / Wire-wound inductor). * **R33**: Inductance value code (R indicates decimal; R33 = 0.33µH or 330nH). * **K**: Tolerance code (K = ±10%). --- ### 3. Key Features & Applications #### Features * **High Q Factor:** The wire-wound construction on a ceramic core provides a higher Quality factor and lower DC resistance compared to multilayer inductors. * **High Self-Resonant Frequency (SRF):** Allows the part to function effectively in gigahertz ranges without becoming capacitive. * **Stable Performance:** Excellent thermal stability and high precision. #### Applications * **RF Communication:** Cell phones, Wi-Fi routers, and Bluetooth modules. * **Filtering:** Low-pass, high-pass, and band-pass filters in signal processing. * **Impedance Matching:** Used in antenna circuits to ensure maximum power transfer. * **Broadband Systems:** Cable modems and satellite receivers. --- ### 4. Handling and Soldering Because this is an **0603** package with a **wire-wound** structure: 1. **Fragility:** The fine wire wrapped around the ceramic core can be damaged by excessive mechanical stress or pick-and-place pressure. 2. **Soldering:** Compatible with standard Reflow and Wave soldering processes. It typically features gold or tin-plated terminations for better solderability.
    ✨ Follow-up Questions
    • ⤷ What is the difference between wire-wound and multilayer inductors in RF circuits?
    • ⤷ How does the Q factor affect the performance of this inductor?
    • ⤷ What are the common alternatives if the R33K tolerance is too high for my application?